Electronic Components Datasheet Search
  English  ▼

X  

PRS Datasheet(PDF) 5 Page - IET Labs Inc.

Part # PRS
Description  Programmable Resistance - Capacitance - Inductance - RTD Decade Substituter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.

PRS Datasheet(HTML) 5 Page - IET Labs Inc.

  PRS Datasheet HTML 1Page - IET Labs Inc. PRS Datasheet HTML 2Page - IET Labs Inc. PRS Datasheet HTML 3Page - IET Labs Inc. PRS Datasheet HTML 4Page - IET Labs Inc. PRS Datasheet HTML 5Page - IET Labs Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
IET LABS, INC. in the GenRad Tradition
www.ietlabs.com
TEL: (516) 334-5959 • EMAIL: info@ietlabs.com
Programmable Resistance - Capacitance -
Inductance - RTD Decade Substituter
PRS-PCS-PLS-PRTD Series
Page 5 of 5
PRS Catalog Nov 2021
_ PRS - B - 5
- .1 - IEEE -
-RM
-RO-SC-OC-D
STANDARD MODELS
PRS-200
Programmable Resistance Substituter
PRS-201
Programmable Precision Resistance Substituter
PRS-200W
Programmable Wide-Range Resistance Substituter
PRS-201W
Programmable Wide-Range Precision Resistance
Substituter
PRS-202
Programmable High-Precision Resistance Substituter
PRS-202W
Programmable Wide-Range, High-Precision,
Resistance Substituter
PCS-300
Programmable Capacitance Substituter
PCS-301
Programmable Precision Capacitance Substituter
PLS-400
Programmable Wide-Range Inductance Substituter
PLS-400A
Programmable Inductance Substituter
PRTD Models
Programmable RTD Simulator
INTERFACE OPTIONS
IEEE Option
IEEE-488.2 Interface
RS232 Option
Serial interface
Ethernet Option Ethernet IEEE 802.3
ORDERING INFORMATION
IEEE:
IEEE-488.2
RS232: Serial 232/485
Ethernet: IEEE 802.3
(i.e.: 0 - 9,999.9 W, 0.1%, 5 decades, 0.1 W steps, rack mounted
PRS with IEEE-488 remote control, rear outputs, short circuit and
open circuit operation, and digital display)
CONFIGURATION
In order to satisfy any unique requirements for programmable substituters, generate a part number from the table below.
Impedance per Step
for Lowest Decade
0.001 W to 10 MW
(in ohms)
100 pF to 100 µF
1 µH to 10 H
(PRS-200 and PRS-201
limited to 0.01 W)
No. of
Decades
1 to 10
Tolerance
Type of
Substituter
PRS: Resistance
PCS: Capacitance
PLS: Inductance
PRTD: RTD Simulator
Custom: Specify
maximum required
voltage, current
and power.
i.e. 3A/200V/250W
No. of
Units
NIL: Single
2:
Dual
Interface Options
Rack Mounting
RM:
Rack mount
option
Custom V, I and P
Rating
X: 0.01% + 15 mW
Q: 0.02% + 15 mW
A: 0.05% + 15 mW
B: 0.1% + 30 mW
C: 0.5% + 30 mW
F: 1% + 70 mW
G: 2% + 70 mW
H: 4% + 70 mW
OTHER OPTIONS
RM Option
Rack mount for PRS-202/Dual Units
not available for PRS-200 or 201
RO Option
Rear output
D Option
Digital display of programmed value
SC Option
Short circuit option
OC Option
Open circuit option
HP
Custom high power specifications
GPIB CABLES
CBL-488-1
1 meter IEEE-488 cable
Other Options
RO:
Rear outputs
D:
Digital Display
SC:
Short Circuit
OC:
Open Circuit
HP:
High Power



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com