Electronic Components Datasheet Search
  English  ▼

X  

RTD Datasheet(PDF) 1 Page - IET Labs Inc.

Part # RTD
Description  Precision Resistance Temperature Detector Simulator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.

RTD Datasheet(HTML) 1 Page - IET Labs Inc.

  RTD Datasheet HTML 1Page - IET Labs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
IET LABS, INC. in the GenRad Tradition
www.ietlabs.com
TEL: (516) 334-5959 • (800) 899-8438 • FAX: (516) 334-5988
Precision Resistance Temperature
Detector Simulator
RTD Series
Page 1 of 1
RTD Series Datasheet November 2015
Features:
• 50 ppm absolute accuracy
• 1 mΩ resolu on
• No “zero” resistance; direct se ng
• Highest performance RTD simulator available
• Highest accuracy, highest stability, lowest TC
• wide range - 10 Ω to 1111.110 Ω
Model RTD-Z-6-.001 High Accuracy RTD Simulator
SPECIFICATIONS
The RTD Series Precision RTD
(Resistance Temperature Detector)
Simulator provides a very broad-
range of absolute resistance values.
The RTD simulator effectively re-
places an RTD to test, analyze, and
calibrate RTD measuring systems.
The RTD Series is ideal where appli-
ca ons of Resistance Temperature
Detector (RTD) simula on require
exact low value resistance without
“zero”andcontact resistanceeffects.
• Virtually independent of contact resistance
varia on
• Ideal for DIN PT-100, PT-100 ANSI, PT-50 and
NI-120 systems
Model
RTD-Z-6-.001
RTD-X-6-.001
RTD-Z-6-.01
RTD-X-6-.01
Minimum resistance (
Ω)
10.000
10.000
10.00
10.00
Maximum resistance (
Ω)
1,111.110
1,111.110
11,111.10
11,111.10
Resolution (m
Ω)
1110
10
Number of decades
6666
Absolute accuracy (ppm)
50
100
50
100
Tempco max. (ppm/
°C)
5555
Tempco typical (ppm/
°C)
3333
Stability (ppm/24hrs)
2222
Stability (ppm/year)
10
10
10
10
Dimensions
W cm (in)
43.9(17.3)
43.9(17.3)
43.9(17.3)
43.9(17.3)
H cm (in)
8.9(3.5)
8.9(3.5)
8.9(3.5)
8.9(3.5)
D cm (in)
10.2(4)
10.2(4)
10.2(4)
10.2(4)
Switch Setting:
The 10 Ω switch has two stops at positions
1 and 10. Absolute accuracy, without zero
subtraction, is accomplished by having a
minimum settable resistance, which includes
all contact and wiring resistances.
Absolute
accuracy applies for every setting. See table
above
for the minimum settable resistance
for any model. Minimum settable resistance
is implemented by a mechanical stop in one
of the decades.
Maximum Power for rated accuracy:
100 mW or 100 mA for 10.000 to 10.999 Ω;
100 mW per step for the highest decade in
use for 11 Ω and over.
Terminals:
Four, 5-way, gold-plated, tellurium-copper
binding posts with low thermal emf and
low resistance, for four-terminal Kelvin
measurements, plus one binding post
connected to case for shielding.
Connection to Terminals:
2 terminal devices: use H and L CURRENT
terminals
3 terminal devices: use H CURRENT - L
CURRENT
and G terminals;
4 terminal devices: use all CURRENT and
SENSE
terminals. (Note: Ground Strap is
the only connection between CURRENT and
SENSE
terminals.)
Switch type:
Multiple solid silver contacts; dust-tight
diallyl-phthalate body.
To allow continuous rotation, a blank position
is added on all decades except the 10 Ω
decade.
Resistor type:
Wirewound, hermetically sealed,
low-inductance
Maximum Current:
200 mA.
Breakdown Voltage:
1000 V.
Environmental conditions:
Operating temperature:
0ºC to 55ºC.
Storage temperature:
-40ºC to 70ºC.
Humidity:
<80% RH.
ORDERING INFORMATION
RTD-Z-6-.001
High Accuracy RTD Simulator,
1,111
Ω, 1 mΩ resolution,
50 ppm accuracy
RTD-X-6-.001
High Accuracy RTD Simulator,
1,111
Ω, 1mΩ resolution,
100 ppm accuracy
RTD-Z-6-.01
High Accuracy RTD Simulator,
11,111
Ω, 10 mΩ resolution,
50 ppm accuracy
RTD-X-6-.01
High Accuracy RTD Simulator,
11,111
Ω, 10 mΩ resolution,
100 ppm accuracy
Options:
-RH Rear output is available as an option.
-RM Rack mountable case for standard 19” rack
See also:
• Programmable models: PRTD Series


Similar Part No. - RTD

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
RTD WELWYN-RTD Datasheet
173Kb / 2P
Platinum Temperature Sensor
logo
Electronic devices inc.
RTD EDI-RTD Datasheet
47Kb / 2P
100mA SILICON CARTRIDGE RECTIFIERS
logo
TT Electronics.
RTD TTELEC-RTD Datasheet
543Kb / 2P
High stability Platinum based sensor
logo
TE Connectivity Ltd
RTD TEC-RTD Datasheet
118Kb / 3P
Temperature Sensor
logo
Omega Engineering, Inc.
RTD OMEGA-RTD Datasheet
1Mb / 1P
RTD and Thermistor Extension Cables
More results

Similar Description - RTD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68ICS08MR MOTOROLA-M68ICS08MR Datasheet
1,003Kb / 100P
In-Circuit Simulator
logo
RHOPOINT COMPONENTS
22810 RHOPOINT-22810 Datasheet
126Kb / 1P
PT100 Platinum resistance temperature detector
logo
Renesas Technology Corp
R20UT2914EJ0100 RENESAS-R20UT2914EJ0100 Datasheet
102Kb / 11P
CubeSuite Simulator
logo
RHOPOINT COMPONENTS
22810-1-B RHOPOINT-22810-1-B Datasheet
80Kb / 1P
Platinum Resistance Temperature Detector
logo
Keysight Technologies
W2317EP KEYSIGHT-W2317EP Datasheet
167Kb / 4P
Bus Simulator
logo
Festo Corporation.
8029523 FESTO-8029523 Datasheet
77Kb / 1P
Simulator
8029524 FESTO-8029524 Datasheet
78Kb / 1P
Simulator
560503 FESTO-560503 Datasheet
79Kb / 1P
Simulator
logo
Pepperl+Fuchs Inc.
IS01 PF-IS01 Datasheet
695Kb / 3P
Simulator
VAZ-PB-SIM PF-VAZ-PB-SIM Datasheet
169Kb / 2P
PROFIBUS master simulator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com