Electronic Components Datasheet Search
  English  ▼

X  

SRAC Datasheet(PDF) 1 Page - IET Labs Inc.

Part # SRAC
Description  ac Standard Resistance Working Standards
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.

SRAC Datasheet(HTML) 1 Page - IET Labs Inc.

  SRAC Datasheet HTML 1Page - IET Labs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
IET LABS, INC. in the GenRad Tradition
www.ietlabs.com
TEL: (516) 334-5959 • EMAIL: info@ietlabs.com
SRac Series
Page 1 of 1
ac Standard Resistance
Working Standards
SRac Datasheet March 2020
Features:
• Very stable - <20 ppm/year
• Calibrated at dc and 1 kHz
• Excellent temperature coefficient - as
low as 1 ppm/°C
• < 20 ppm difference between dc and
ac values at 1 kHz for resistances ≤
100 kΩ
• Wide range of values - 1 mΩ to 10 MΩ
• bnc option (-bnc)
• Custom values are available
• Optional transit case
Economical high performance
ac resistance standards
SRAC SERIES
Designed for use as a reference or work-
ing standard in industrial, research, and
educational laboratories.
Model
SRac-
Nominal
(Ω)
Initial
adjustment to
nominal
(ppm)
Stability
1 year
(ppm)
Tempco
(ppm/°C)
Resistor
type
Calibration
uncertainty
dc
(Typical)
(ppm)
dc to ac
change at
1 kHz
(Typical)
(ppm)
Max.
power
(W)
Max.
voltage
(V)
Max.
current
(A)
Terminals
0.001
0.001
200
50
20
Manganin
strip
200
25
0.2
0.015
14
4 bp's + gnd
0.01
0.01
200
50
20
Manganin wire
100
0.6
0.15
4.5
0.1
0.1
100
20
1
Foil
60
0.3
0.17
1.7
1
1
1
10
0.3
0.54
0.54
10
10
2
5
0.6
2.45
0.245
100
100
1
5
24.5
0.024
1K
1 k
1
5
77.5
7.7 mA
10K
10 k
1
2
245
2.5 mA
100K
100 k
1
2
300
2 mA
1M
1 M
5
Wirewound
5
250
0.5
700
0.7 mA
10M
10 M
15
Film
10
2500
0.1
1000
0.1 mA
Foil resistors have a power coefficient of resistance (PCR) of ±5ppm at rated power due to internal heating
Foil resistors have a voltage coefficient (VC) of < 3ppm/V
SPECIFICATIONS
SRac Series Resistance Standard
Calibration conditions:
At 23°C, low power, traceable to the SI through an NMI.
Connections as indicated in table.
Terminals:
Gold plated, tellurium copper, high current, heavy
duty,low thermal-emf binding position standard 3/4 inch
spacing. A case GROUND terminal is provided on all
units.
Dimensions: 8.6 cm H x 10.5 cm W x 12.7 cm D (3.4"
x 4.15" x 5")
Operating temperature range: 15 to 30°C.
Transit case:
Optional Model SRC-100 lightweight transit case
with handle, suitable for transporting and storing
two units. The case provides mechanical protec-
tion and insulation from temperature changes
during transportation or shipping.
Optional Model SRC-100-5
lightweight
transit
case with handle, suitable for transporting and stor-
ing 5 SRC/SRX resistance standards.
bnc option:
Option -bnc changes Hi and Lo binding posts to 4
x bnc connectors plus the ground binding post.
SRC-100-5 Lightweight transit case for 5 standards
Standard model
Select from table above
Custom value
SRX-XXX or SRC-XXX
Transit case for SRac units SRC-100, for 2 units
SRC-100-5, for 5 units
ORDERING INFORMATION
Frequency response
Frequency response of the foil resistors are given
by the formula below:
Options:
-bnc
4 bnc connectors plus ground


Similar Part No. - SRAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SRA KEMET-SRA Datasheet
5Mb / 66P
Aluminum Electrolytic Capacitors
logo
Apex Electronics Co., L...
SRA APEX-ELECTRONICS-SRA Datasheet
605Kb / 5P
Miniature rocker switches,IP67
logo
List of Unclassifed Man...
SRA-01T-3.2 ETC2-SRA-01T-3.2 Datasheet
131Kb / 3P
RING TONGUE TERMINAL
logo
Ningbo songle relay co....
SRA-03VDC-AD SONGLERELAY-SRA-03VDC-AD Datasheet
3Mb / 2P
SUBMINATURE HIGH POWER RELAY
SRA-03VDC-AL SONGLERELAY-SRA-03VDC-AL Datasheet
3Mb / 2P
SUBMINATURE HIGH POWER RELAY
More results

Similar Description - SRAC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG4C-1031 OMRON-XG4C-1031 Datasheet
1Mb / 22P
Industry Standard Circuit Board Connectors Conform to MIL Standards
logo
List of Unclassifed Man...
HN5-9-OV-A ETC2-HN5-9-OV-A Datasheet
374Kb / 7P
World-wide ac input ranges and safety standards
logo
IET Labs Inc.
SCA IET-SCA Datasheet
198Kb / 3P
Standard Capacitance Reference or Working Standards
Dec. 2022
SR1010 IET-SR1010 Datasheet
133Kb / 2P
Resistance Transfer Standard System
March 2020
SR102 IET-SR102 Datasheet
218Kb / 1P
Transportable Resistance Standards
Nov 2017
SR1030 IET-SR1030 Datasheet
136Kb / 2P
Resistance Transfer Standard System
March 2020
SRL IET-SRL Datasheet
384Kb / 1P
High-Accuracy, High-Stability Resistance Standards
Dec. 2022
SRR IET-SRR Datasheet
99Kb / 1P
High Accuracy Standard Resistance
October 9 2013
SRX IET-SRX Datasheet
288Kb / 2P
Standard Resistance Reference or Working Standards
Feb 2023
VRS-100 IET-VRS-100 Datasheet
213Kb / 2P
High Resistance Standards
April 2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com