Electronic Components Datasheet Search
  English  ▼

X  

BFG93A/X Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BFG93A/X
Description  NPN 6 GHz wideband transistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG93A/X Datasheet(HTML) 1 Page - NXP Semiconductors

  BFG93A/X Datasheet HTML 1Page - NXP Semiconductors BFG93A/X Datasheet HTML 2Page - NXP Semiconductors BFG93A/X Datasheet HTML 3Page - NXP Semiconductors BFG93A/X Datasheet HTML 4Page - NXP Semiconductors BFG93A/X Datasheet HTML 5Page - NXP Semiconductors BFG93A/X Datasheet HTML 6Page - NXP Semiconductors BFG93A/X Datasheet HTML 7Page - NXP Semiconductors BFG93A/X Datasheet HTML 8Page - NXP Semiconductors BFG93A/X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DATA SHEET
Product specification
Supersedes data of 1995 Sep 25
1998 Sep 23
BFG93A; BFG93A/X
NPN 6 GHz wideband transistors
book, halfpage
M3D071


Similar Part No. - BFG93A/X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG93A/X NXP-BFG93A/X Datasheet
286Kb / 13P
NPN 6 GHz wideband transistors
Rev. 05-26 November 2007
More results

Similar Description - BFG93A/X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG94 PHILIPS-BFG94 Datasheet
100Kb / 13P
NPN 6 GHz wideband transistor
1998 Sep 23
BFQ270 PHILIPS-BFQ270 Datasheet
133Kb / 12P
NPN 6 GHz wideband transistor
September 1995
BFG91 PHILIPS-BFG91 Datasheet
544Kb / 10P
NPN 6 GHZ WIDEBAND TRANSISTOR
November 1992
BFG67 NXP-BFG67 Datasheet
287Kb / 14P
NPN 8 GHz wideband transistors
Rev. 05-23 November 2007
BFG93A NXP-BFG93A Datasheet
286Kb / 13P
NPN 6 GHz wideband transistors
Rev. 05-26 November 2007
BFG520W NXP-BFG520W Datasheet
304Kb / 15P
NPN 9 GHz wideband transistors
Rev. 04-21 November 2007
logo
Quanzhou Jinmei Electro...
BFG93A_2015 JMNIC-BFG93A_2015 Datasheet
116Kb / 16P
NPN 6 GHz wideband transistors
BFG93A JMNIC-BFG93A_15 Datasheet
116Kb / 16P
NPN 6 GHz wideband transistors
BFR93A JMNIC-BFR93A_15 Datasheet
101Kb / 12P
NPN 6 GHz wideband transistor
BFR93AR JMNIC-BFR93AR_15 Datasheet
95Kb / 13P
NPN 6 GHz wideband transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com