Electronic Components Datasheet Search
  English  ▼

X  

CD08RK1CB Datasheet(PDF) 3 Page - ITT Industries

Part # CD08RK1CB
Description  8mm DIP Coded Rotary Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CD08RK1CB Datasheet(HTML) 3 Page - ITT Industries

  CD08RK1CB Datasheet HTML 1Page - ITT Industries CD08RK1CB Datasheet HTML 2Page - ITT Industries CD08RK1CB Datasheet HTML 3Page - ITT Industries CD08RK1CB Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Dimensions are shown: Inch (mm )
Specifications and dimensions subject to change
www.ittcannon.com
I-30
I
SWITCH FUNCTION
C&K CD Series
8mm DIP Coded Rotary Switches
POS.
C
1
2
4
8
0 1 2 3 4 5 6 7
POS.
C
1
2
4
8
0 1 2 3 4 5 6 7
0
PIN 1
INDICATOR
PIN 1
INDICATOR
0
9 1
POS.
C
1
2
4
8
0 1 2 3 4 5 6 7 8 9
POS.
C
1
2
4
8
0 1 2 3 4 5 6 7 8 9
PIN 1
INDICATOR
F 1
0
POS.
C
1
2
4
8
0 1 2 3 4 5 6 7 8 9 A B C D E F
POS.
C
1
2
4
8
0 1 2 3 4 5 6 7 8 9 A B C D E F
.060
(1,52)
.220
(5,59)
.130
(3,30)
.151
(3,84)
.300
(7,62)
DIA.
0
.036
(0,91)
.040
(1,02)
.126
(3,20)
.120 DIA.
(3,05)
.080
(2,03)
0
9 1
FLUSH ACTUATOR
0
9 1
.025 TYP.
(0,64)
.100
(2,54)
ACTUATOR
CD08R 8 POSITION, BCD
ACTUATOR COLOR: WHITE
CD08C 8 POSITION, BCD COMPLEMENT
ACTUATOR COLOR: BLACK
CD10R 10 POSITION, BCD
ACTUATOR COLOR: RED
CD10C 10 POSITION, BCD COMPLEMENT
ACTUATOR COLOR: BLACK
CD16R 16 POSITION, HEXADECIMAL
ACTUATOR COLOR: ORANGE
CD16C 16 POSITION, HEXADECIMAL COMPLEMENT
ACTUATOR COLOR: WHITE
M0 (STD.) FLUSH WITH SCREWDRIVER SLOT
L1
EXTENDED WITH SCREWDRIVER SLOT
K1 KNOB
NOTE: Designed for #0 Phillips screwdriver.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com