Electronic Components Datasheet Search
  English  ▼

X  

VY2 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VY2
Description  EMI Suppression Safety Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 300 VAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VY2 Datasheet(HTML) 2 Page - Vishay Siliconix

  VY2 Datasheet HTML 1Page - Vishay Siliconix VY2 Datasheet HTML 2Page - Vishay Siliconix VY2 Datasheet HTML 3Page - Vishay Siliconix VY2 Datasheet HTML 4Page - Vishay Siliconix VY2 Datasheet HTML 5Page - Vishay Siliconix VY2 Datasheet HTML 6Page - Vishay Siliconix VY2 Datasheet HTML 7Page - Vishay Siliconix VY2 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
VY2 Series
www.vishay.com
Vishay BCcomponents
Revision: 28-Jan-2022
2
Document Number: 28535
For technical questions, contact: cdc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Straight leads are available on request
DIMENSIONS in millimeters
TECHNICAL DATA
CAPACITANCE
C (pF)
CAPACITANCE
TOLERANCE
(%)
BODY
DIAMETER
Dmax. (mm)
BODY
THICKNESS
Tmax. (mm)
LEAD SPACING (1)
F (mm) ± 1 mm
PART NUMBER
MISSING DIGITS SEE
ORDERING CODE BELOW
U2J
10
± 10
7.5
5.0
5.0, 7.5, 10.0, or 12.5
VY2100K29U2JS6###
15
VY2150K29U2JS6###
22
VY2220K29U2JS6###
33
VY2330K29U2JS6###
47
VY2470K29U2JS6###
Y5S
68
± 10
7.5
5.0
5.0, 7.5, 10.0, or 12.5
VY2680K29Y5SS6###
100
VY2101K29Y5SS6###
150
VY2151K29Y5SS6###
220
VY2221K29Y5SS6###
330
VY2331K29Y5SS6###
470
VY2471K29Y5SS6###
Y5U
680
± 20
7.5
5.0
5.0, 7.5, 10.0, or 12.5
VY2681M29Y5US6###
1000
VY2102M29Y5US6###
1500
8.0
VY2152M31Y5US6###
2200
9.0
VY2222M35Y5US6###
3300
10.5
VY2332M41Y5US6###
3900
11.0
VY2392M43Y5US6###
4700
12.5
7.5, 10.0, or 12.5
VY2472M49Y5US6###
6800
14.5
VY2682M59Y5US63##
10 000
16.0
VY2103M63Y5US63##
Y5V MINI SIZE SERIES
1000
± 20
7.5
5.0
5.0, 7.5, 10.0,
or 12.5
VY2102M29Y5VS6###
1500
7.5
VY2152M29Y5VS6###
2200
8.0
VY2222M31Y5VS6###
3300
9.0
VY2332M35Y5VS6###
3900
10.0
VY2392M39Y5VS6###
4700
10.5
VY2472M41Y5VS6###
6800
12.0
VY2682M47Y5VS6###
10 000
15.0
VY2103M59Y5VS6###
SH = 4.0 max.
L = 30.0 ± 5.0
T
max.
D
max.
F
Ø 0.6 ± 0.05
e = 3.0 max.
Capacitors with 5.0 mm, 7.5 mm, 10 mm, or 12.5 mm lead spacing.
Coating extension e valid for straight leads only.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com