Electronic Components Datasheet Search
  English  ▼

X  

VBA5213 Datasheet(PDF) 2 Page - VBsemi Electronics Co.,Ltd

Part # VBA5213
Description  N- and P-Channel 20-V (D-S) MOSFETs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VBA5213 Datasheet(HTML) 2 Page - VBsemi Electronics Co.,Ltd

  VBA5213 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd VBA5213 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd VBA5213 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VBA5213 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VBA5213 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VBA5213 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd VBA5213 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd VBA5213 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd VBA5213 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Notes:
a. Guaranteed by design, not subject to production testing.
b. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
N-Ch
20
V
VGS = 0 V, ID = - 250 µA
P-Ch
- 20
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
N-Ch
22
mV/°C
ID = - 250 µA
P-Ch
- 21
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
ID = 250 µA
N-Ch
- 3.5
ID = - 250 µA
P-Ch
3.5
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
N-Ch
0.6
1.5
V
VDS = VGS, ID = - 250 µA
P-Ch
- 0.6
- 1.5
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 12 V
N-Ch
± 100
nA
P-Ch
± 100
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V
N-Ch
1
µA
VDS = - 20 V, VGS = 0 V
P-Ch
- 1
VDS = 20 V, VGS = 0 V, TJ = 55 °C
N-Ch
10
VDS = - 20 V, VGS = 0 V, TJ = 55 °C
P-Ch
- 10
On-State Drain Currentb
ID(on)
VDS ≥ 5 V, VGS = 4.5 V
N-Ch
30
A
VDS ≤ - 5 V, VGS = - 4.5 V
P-Ch
- 30
Drain-Source On-State Resistanceb
RDS(on)
VGS = 4.5 V, ID = 5.7 A
N-Ch
0.013
Ω
VGS = - 4.5 V, ID = - 5.1 A
P-Ch
0.024
VGS = 2.5 V, ID = 4.4 A
N-Ch
0.015
VGS = - 2.5 V, ID = - 4.2 A
P-Ch
0.032
Forward Transconductanceb
gfs
VDS = 10 V, ID = 5.7 A
N-Ch
17
S
VDS = - 10 V, ID = - 5.1 A
P-Ch
22
Dynamica
Input Capacitance
Ciss
N-Channel
VDS = 10 V, VGS = 0 V, f = 1 MHz
P-Channel
VDS = - 10 V, VGS = 0 V, f = 1 MHz
N-Ch
850
pF
P-Ch
1200
Output Capacitance
Coss
N-Ch
150
P-Ch
260
Reverse Transfer Capacitance
Crss
N-Ch
70
P-Ch
45
Total Gate Charge
Qg
VDS = 10 V, VGS = 10 V, ID = 5.7 A
N-Ch
15
23
nC
VDS = - 10 V, VGS = - 10 V, ID = - 5.1 A
P-Ch
34
51
N-Channel
VDS = 10 V, VGS = 4.5 V, ID = 5.7 A
P-Channel
VDS = - 10 V, VGS = - 4.5 V, ID = - 5.1 A
N-Ch
6.7
11
P-Ch
17
30
Gate-Source Charge
Qgs
N-Ch
1.8
P-Ch
3
Gate-Drain Charge
Qgd
N-Ch
0.9
P-Ch
5.5
Gate Resistance
Rg
f = 1 MHz
N-Ch
2
Ω
P-Ch
6
VBA5213
www.VBsemi.com
2
服务热线:400-655-8788



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com