Electronic Components Datasheet Search
  English  ▼

X  

IDT74ALVC16835 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # IDT74ALVC16835
Description  3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT74ALVC16835 Datasheet(HTML) 6 Page - Renesas Technology Corp

  IDT74ALVC16835 Datasheet HTML 1Page - Renesas Technology Corp IDT74ALVC16835 Datasheet HTML 2Page - Renesas Technology Corp IDT74ALVC16835 Datasheet HTML 3Page - Renesas Technology Corp IDT74ALVC16835 Datasheet HTML 4Page - Renesas Technology Corp IDT74ALVC16835 Datasheet HTML 5Page - Renesas Technology Corp IDT74ALVC16835 Datasheet HTML 6Page - Renesas Technology Corp IDT74ALVC16835 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
INDUSTRIALTEMPERATURERANGE
6
IDT74ALVC16835
3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
ORDERING INFORMATION
XX
ALVC
XXX
XX
Package
Device Type
Temp. Range
PFG
16
74
Thin Very Small Outline Package - Green
18-Bit Universal Bus Driver with 3-State Outputs
–40°C to +85°C
X
XXX
Family
Bus-Hold
835
Double-Density, ±24mA
No Bus-Hold
Blank
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
6024 Silver Creek Valley Road
800-345-7015 or 408-284-8200
logichelp@idt.com
San Jose, CA 95138
fax: 408-284-2775
www.idt.com
DATASHEET DOCUMENT HISTORY
07/28/2003
PDN# L-03-04 issued. See IDT.com for PDN specifics.
09/20/2019
DatasheetchangedtoObsoleteStatus.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com