Electronic Components Datasheet Search
  English  ▼

X  

BFM505 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BFM505
Description  Dual NPN wideband transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFM505 Datasheet(HTML) 2 Page - NXP Semiconductors

  BFM505 Datasheet HTML 1Page - NXP Semiconductors BFM505 Datasheet HTML 2Page - NXP Semiconductors BFM505 Datasheet HTML 3Page - NXP Semiconductors BFM505 Datasheet HTML 4Page - NXP Semiconductors BFM505 Datasheet HTML 5Page - NXP Semiconductors BFM505 Datasheet HTML 6Page - NXP Semiconductors BFM505 Datasheet HTML 7Page - NXP Semiconductors BFM505 Datasheet HTML 8Page - NXP Semiconductors BFM505 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
1996 Oct 08
2
Philips Semiconductors
Product specification
Dual NPN wideband transistor
BFM505
FEATURES
• Small size
• Temperature and hFE matched
• Low noise and high gain
• High gain at low current and low capacitance at low
voltage
• Gold metallization ensures excellent reliability.
APPLICATIONS
• Oscillator and buffer amplifiers
• Balanced amplifiers
• LNA/mixer.
DESCRIPTION
Dual transistor with two silicon NPN RF dies in a surface
mount, 6-pin SOT363 (S-mini) package. The transistors
are primarily intended for wideband applications in the
GHz-range in the RF front end of analog and digital cellular
phones, cordless phones, radar detectors, pagers and
satellite TV-tuners.
PINNING - SOT363A
PIN
SYMBOL
DESCRIPTION
1b1
base 1
2e1
emitter 1
3c2
collector 2
4b2
base 2
5e2
emitter 2
6c1
collector 1
Fig.1 Simplified outline and symbol.
handbook, halfpage
MAM210
1
3
64
2
Top view
c1
c2
e1
e2
b1
b2
5
Marking code: N0.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Any single transistor
Cre
feedback capacitance
Ie = 0; VCB = 3 V; f = 1 MHz
−
0.22
−
pF
fT
transition frequency
IC = 5 mA; VCE = 3V; f = 1 GHz
−
9
−
GHz
insertion power gain
IC = 5 mA; VCE = 3 V; f = 900 MHz;
Tamb =25 °C
14
15
−
dB
GUM
maximum unilateral power gain
IC = 5 mA; VCE = 3 V; f = 900 MHz;
Tamb =25 °C
−
17
−
dB
F
noise figure
IC = 1 mA; VCE = 3 V; f = 900 MHz;
ΓS = Γopt
−
1.1
1.6
dB
Rth j-s
thermal resistance from junction
to soldering point
single loaded
−−
230
K/W
double loaded
−−
115
K/W
s
21
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com