Electronic Components Datasheet Search
  English  ▼

X  

PSC1065L Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PSC1065L
Description  650 V, 10 A SiC Schottky diode in TO-247-2
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PSC1065L Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PSC1065L Datasheet HTML 1Page - Nexperia B.V. All rights reserved PSC1065L Datasheet HTML 2Page - Nexperia B.V. All rights reserved PSC1065L Datasheet HTML 3Page - Nexperia B.V. All rights reserved PSC1065L Datasheet HTML 4Page - Nexperia B.V. All rights reserved PSC1065L Datasheet HTML 5Page - Nexperia B.V. All rights reserved PSC1065L Datasheet HTML 6Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Nexperia
PSC1065L
650 V, 10 A SiC Schottky diode in TO-247-2
8. Revision history
Table 4. Revision history
Data sheet ID
Release date
Data sheet status
Change notice
Supersedes
PSC1065L_SDS v.2
20230426
Short data sheet
-
PSC1065L_SDS v.1
Modifications:
• Quick reference data, total capacitive charge: value adapted
PSC1065L_SDS v.1
20211104
Short data sheet
-
-
PSC1065L_SDS
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2023. All rights reserved
Short data sheet
26 April 2023
4 / 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com