Electronic Components Datasheet Search
  English  ▼

X  

VD536 Datasheet(PDF) 1 Page - Yuechung International Corp.

Part # VD536
Description  VD Series : Programmable LVDS Voltage - Controlled Crystal Oscillators 10.000 ~ 1,500.000MHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YIC [Yuechung International Corp.]
Direct Link  https://www.yic.com.tw/en/home-en/
Logo YIC - Yuechung International Corp.

VD536 Datasheet(HTML) 1 Page - Yuechung International Corp.

  VD536 Datasheet HTML 1Page - Yuechung International Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
●
SPECIFICATION
●
PART NUMBERING
●
DIMENSIONS (mm)
●
TEST CIRCUIT
●
OUTPUT WAVEFORM
VD
Linearity
10% max.
Aging at 25°C
±3.0ppm max. in the 1st year
Tri-state OE (Pad 2)
Output voltage level (VOH)
Current Consumption
65mA max.
Rise / Fall Time
Output voltage level (VOL)
Control Voltage Range (VC)
1.25±1.0V (VDD=2.5V)
1.65±1.35V (VDD=3.3V)
Duty Cycle
Pulling Range
Output Load
Start-up Time
±30ppm ~ ±200ppm (Optional, See Below)
100Ω
10 ms max.
1 ns max.
Frequency Range
Input Voltage (VDD)
Frequency stability
Operation Temperature
Storage Temperature Range
10.000 ~ 1,500.000MHz
+2.5V , +3.3V
±25ppm , ±50ppm , ±100ppm
-10°C ~ +70°C Typical , (-40°C ~ +85°C Available)
- 55°C ~ + 125°C
1.60V max.
0.90V min.
45% ~ 55%
Enable : 70% VDD min.
Disable : 30% VDD max.
VCXO
(VD536 Series)
VD Series : Programmable LVDS Voltage - Controlled Crystal Oscillators
10.000 ~ 1,500.000MHz
PIN CONNECTIONS
PIN 1 : [ Voltage Control ]
PIN 2 : [ OE ]
PIN 3 : [ Ground ]
PIN 4 : [ Differential ]
PIN 5 : [ Complementary ]
PIN 6 : [ VDD ]
Input
Voltage
Packing Code
Pulling
Range
Frequency
Stability
Custom
Speci
Operation
Temperature
10 : ±10.0PPM
25 : ±25.0PPM
50 : ±50.0PPM
100 : ±100.0PPM
756 : 7.0x5.0mm,6P
536 : 5.0x3.2mm,6P
326 : 3.2x2.5mm,6P
In MHz
2.5 : 2.5V
3.3 : 3.3V
1 : -10~+60°C
Blank : -10~+70°C
2 : -20~+70°C
27 : -20~+75°C
28 : -20~+85°C
3 : -30~+75°C
38 : -30~+85°C
I : -40~+85°C
A : -40~+105°C
B : -40~+125°C
C : -55~+125°C
D : -40~+150°C
X : Custom
A : ±30.0PPM
B : ±50.0PPM
C : ±100.0PPM
D : ±200.0PPM
*


Similar Part No. - VD536

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VD5377 STMICROELECTRONICS-VD5377 Datasheet
2Mb / 88P
Ultra-low power motion sensor for optical finger navigation (OFN)
07-Feb-2013
VD5377CB STMICROELECTRONICS-VD5377CB Datasheet
2Mb / 88P
Ultra-low power motion sensor for optical finger navigation (OFN)
07-Feb-2013
VD5377CBGP STMICROELECTRONICS-VD5377CBGP Datasheet
2Mb / 88P
Ultra-low power motion sensor for optical finger navigation (OFN)
07-Feb-2013
VD5377CBSW STMICROELECTRONICS-VD5377CBSW Datasheet
2Mb / 88P
Ultra-low power motion sensor for optical finger navigation (OFN)
07-Feb-2013
VD5377CBUW STMICROELECTRONICS-VD5377CBUW Datasheet
2Mb / 88P
Ultra-low power motion sensor for optical finger navigation (OFN)
07-Feb-2013
More results

Similar Description - VD536

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
G326 MERCURY-G326 Datasheet
74Kb / 1P
Voltage Controlled Crystal Oscillators
logo
Yuechung International ...
TX216C YIC-TX216C Datasheet
262Kb / 1P
(V)TX Series:(Voltage-Controlled) Temperature Compensation Crystal Oscillators 10.000 - 52.000MHz
V326 YIC-V326 Datasheet
249Kb / 1P
V Series : Programmable CMOS Voltage - Controlled Crystal Oscillators 10.000 ~ 250.000MHz
V536 YIC-V536 Datasheet
251Kb / 1P
V Series : Programmable CMOS Voltage - Controlled Crystal Oscillators 10.000 ~ 250.000MHz
V756 YIC-V756 Datasheet
252Kb / 1P
V Series : Programmable CMOS Voltage - Controlled Crystal Oscillators 10.000 ~ 250.000MHz
VD326 YIC-VD326 Datasheet
248Kb / 1P
VD Series : Programmable LVDS Voltage - Controlled Crystal Oscillators 10.000 ~ 1,500.000MHz
VD756 YIC-VD756 Datasheet
252Kb / 1P
VD Series : Programmable LVDS Voltage - Controlled Crystal Oscillators 10.000 ~ 1,500.000MHz
VP326 YIC-VP326 Datasheet
278Kb / 1P
VP Series : Programmable LVPECL Voltage - Controlled Crystal Oscillators 10.000 ~ 1,500.000MHz
VP536 YIC-VP536 Datasheet
280Kb / 1P
VP Series : Programmable LVPECL Voltage - Controlled Crystal Oscillators 10.000 ~ 1,500.000MHz
VP756 YIC-VP756 Datasheet
282Kb / 1P
VP Series : Programmable LVPECL Voltage - Controlled Crystal Oscillators 10.000 ~ 1,500.000MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com