Electronic Components Datasheet Search
  English  ▼

X  

J95 Datasheet(PDF) 1 Page - RAYEX ELECTRONICS CO., LTD

Part # J95
Description  J95 SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAYEX [RAYEX ELECTRONICS CO., LTD]
Direct Link  https://www.relay-rayex.com/
Logo RAYEX - RAYEX ELECTRONICS CO., LTD

J95 Datasheet(HTML) 1 Page - RAYEX ELECTRONICS CO., LTD

  J95 Datasheet HTML 1Page - RAYEX ELECTRONICS CO., LTD J95 Datasheet HTML 2Page - RAYEX ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
J95 SERIES
•Latching Relay
•1PDT,IPST
•Small SIZE,PC Board
•Plastic type,solder type
•Dimension:19.5× 15.4×15mm
FEATURES
CONTACT RATING
Latching Relay
Coil Nominal
Voltage
(VDC)
Resistance Tol. 10%
±
(Ohms )
Maximum Pick Up
Voltage (V)
Minimum Drop Out
Voltage (V)
5
9
12
18
24
55
225
400
900
1600
3.8
6.8
9.0
13.5
18
0.5
0.6
0.9
1.2
2.4
COIL DATA(0.36W,0.45W at 25 )
C
6
100
4.5
0.36W
0.45W
70
80
180
320
720
1280
1.8
1 FORM C
AC 250V / 10 A
DC 28V / 10 A
1 FORM A
DC 28V / 10 A
AC 250V / 10 A
ORDERING INFORMATION
J95
1. Type
2. Contact Arrangement
Nil: 1 Form C
A : 1 Form A
3. S:One Coil(0.36W)
D:Twin Coil(0.45W)
4.Coil Nominal Voltage
1
S
3
A
4
12
2
RAYEX ELEC.ISSUED RECOY INT’L.


Similar Description - J95

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com