Electronic Components Datasheet Search
  English  ▼

X  

J96 Datasheet(PDF) 1 Page - RAYEX ELECTRONICS CO., LTD

Part # J96
Description  J96 SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAYEX [RAYEX ELECTRONICS CO., LTD]
Direct Link  https://www.relay-rayex.com/
Logo RAYEX - RAYEX ELECTRONICS CO., LTD

J96 Datasheet(HTML) 1 Page - RAYEX ELECTRONICS CO., LTD

  J96 Datasheet HTML 1Page - RAYEX ELECTRONICS CO., LTD J96 Datasheet HTML 2Page - RAYEX ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
J96 SERIES
•Latching Relay
•1PDT,2PDT
•Plastic type,solder type
•Dimension:28.9× 12.6×20.6mm
FEATURES
ORDERING INFORMATION
Latching Relay
12
J96
S
1
4
5
3. Contact Arrangement
Nil: Form C
A: Form A
B: Form B
4. S:One Coil (0.54W)
D:Twin Coil
5. Coil Nominal Voltage
1H
2
3
1.Type
2.Cont.Type
1:1 Pole (10A)
2:2 Pole (5A)
1H:1Pole 2 Feet(16A)
COIL DATA(at 25 )
C
Resistive (Cos.q = 1)
10A
16A
Resistive (Cos.q = 1)
J961
TYPE (1PDT)
J961H TYPE (1PDT)
AC 250V / DC 28V
5A
Resistive (Cos.q = 1)
J962
TYPE (2PDT)
AC 250V / DC 28V
AC 250V / DC 28V
CONTACT RATING
线圈参数  Coil Parameter (23℃) 
线电压 
Coil voltage(VDC)
 
额
Rated 
/复电压 
Reset voltage 
(VDC) 
脉冲宽 
impulse width  
(ms)  
双线电阻Ω ±10%  
Double coil    resistance 
单线电阻Ω ±10%
Single  
coil  
resistance  
Double coil 1 
Dou
 
blecoil 2 
5 
≤ 4.00 
≥ 50  
33  
33  
45  
12 
≤ 9.60 
≥ 50  
170  
220  
266  
24 
≤ 19.2 
≥ 50  
432  
800  
1066  
RAYEX ELEC.ISSUED RECOY INT’L.


Similar Part No. - J96

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
J96-SERIES EDAC-J96-SERIES Datasheet
192Kb / 1P
J96 Series MULTI-PORT STACKED RJ45 WITH OPTIONAL LEDS, RIGHT ANGLE PCB MOUNT, SHIELDED WITH OPTIONAL EMI
J96028822N00121 EDAC-J96028822N00121 Datasheet
192Kb / 1P
J96 Series MULTI-PORT STACKED RJ45 WITH OPTIONAL LEDS, RIGHT ANGLE PCB MOUNT, SHIELDED WITH OPTIONAL EMI
J96028822N00121 EDAC-J96028822N00121 Datasheet
112Kb / 2P
J96 Series,MULTI-PORT STACKED RJ45 WITH OPTIONAL LEDS, RIGHT ANGLE PCB MOUNT, SHIELDED WITH OPTIONAL EMI
J96028822N00221 EDAC-J96028822N00221 Datasheet
192Kb / 1P
J96 Series MULTI-PORT STACKED RJ45 WITH OPTIONAL LEDS, RIGHT ANGLE PCB MOUNT, SHIELDED WITH OPTIONAL EMI
J96028822N00221 EDAC-J96028822N00221 Datasheet
113Kb / 2P
J96 Series,MULTI-PORT STACKED RJ45 WITH OPTIONAL LEDS, RIGHT ANGLE PCB MOUNT, SHIELDED WITH OPTIONAL EMI
More results

Similar Description - J96

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
J96028822N00121 EDAC-J96028822N00121 Datasheet
112Kb / 2P
J96 Series,MULTI-PORT STACKED RJ45 WITH OPTIONAL LEDS, RIGHT ANGLE PCB MOUNT, SHIELDED WITH OPTIONAL EMI
J96028822N00221 EDAC-J96028822N00221 Datasheet
113Kb / 2P
J96 Series,MULTI-PORT STACKED RJ45 WITH OPTIONAL LEDS, RIGHT ANGLE PCB MOUNT, SHIELDED WITH OPTIONAL EMI
J96028822N11121 EDAC-J96028822N11121 Datasheet
115Kb / 2P
J96 Series,MULTI-PORT STACKED RJ45 WITH OPTIONAL LEDS, RIGHT ANGLE PCB MOUNT, SHIELDED WITH OPTIONAL EMI
J96028822N13221 EDAC-J96028822N13221 Datasheet
116Kb / 2P
J96 Series,MULTI-PORT STACKED RJ45 WITH OPTIONAL LEDS, RIGHT ANGLE PCB MOUNT, SHIELDED WITH OPTIONAL EMI
J96028822N21121 EDAC-J96028822N21121 Datasheet
116Kb / 2P
J96 Series,MULTI-PORT STACKED RJ45 WITH OPTIONAL LEDS, RIGHT ANGLE PCB MOUNT, SHIELDED WITH OPTIONAL EMI
J96028822N21221 EDAC-J96028822N21221 Datasheet
116Kb / 2P
J96 Series,MULTI-PORT STACKED RJ45 WITH OPTIONAL LEDS, RIGHT ANGLE PCB MOUNT, SHIELDED WITH OPTIONAL EMI
J96028822N25221 EDAC-J96028822N25221 Datasheet
116Kb / 2P
J96 Series,MULTI-PORT STACKED RJ45 WITH OPTIONAL LEDS, RIGHT ANGLE PCB MOUNT, SHIELDED WITH OPTIONAL EMI
J96028822N26121 EDAC-J96028822N26121 Datasheet
116Kb / 2P
J96 Series,MULTI-PORT STACKED RJ45 WITH OPTIONAL LEDS, RIGHT ANGLE PCB MOUNT, SHIELDED WITH OPTIONAL EMI
J96028822N31221 EDAC-J96028822N31221 Datasheet
116Kb / 2P
J96 Series,MULTI-PORT STACKED RJ45 WITH OPTIONAL LEDS, RIGHT ANGLE PCB MOUNT, SHIELDED WITH OPTIONAL EMI
J96028822N35121 EDAC-J96028822N35121 Datasheet
116Kb / 2P
J96 Series,MULTI-PORT STACKED RJ45 WITH OPTIONAL LEDS, RIGHT ANGLE PCB MOUNT, SHIELDED WITH OPTIONAL EMI
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com