Electronic Components Datasheet Search
  English  ▼

X  

L901 Datasheet(PDF) 1 Page - RAYEX ELECTRONICS CO., LTD

Part # L901
Description  L901 SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAYEX [RAYEX ELECTRONICS CO., LTD]
Direct Link  https://www.relay-rayex.com/
Logo RAYEX - RAYEX ELECTRONICS CO., LTD

L901 Datasheet(HTML) 1 Page - RAYEX ELECTRONICS CO., LTD

  L901 Datasheet HTML 1Page - RAYEX ELECTRONICS CO., LTD L901 Datasheet HTML 2Page - RAYEX ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
L901 SERIES
•Up to 30A switching capacity in SPST and 20A
switching in SPDT arrangement.
•Using at home appliance, power switching appliances,
car controller, heating, ventilating, and conditioning
systems, etc
•AC COIL of this relay comes without TUV/UL Approved.
FEATURES
Maximum
Pick Up
Voltage (V)
Minimum
Drop Out
Voltage (V)
5
6
9
12
18
24
Coil Nominal
Voltage
(VDC)
Resistance
Tol. 10%
±
(Ohms)
Maximum
Pick Up
Voltage (V)
Minimum
Drop Out
Voltage (V)
Coil Nominal
Voltage
(50/60Hz)
Resistance
Tol. 10%
±
(Ohms)
27
40
97
155
380
660
0.5
0.6
0.9
1.2
2.4
3.75
4.5
6.75
9.0
13.5
18.0
6
12
24
110
220
10
43
160
3,160
13,490
5.1
10.2
20.4
93.5
187.0
DC 0.93 W
A C 1.2 VA
48
2,560
36.0
4.8
0.6
1.2
2.4
11.0
22.0
1.8
ORDERING INFORMATION
COIL DATA(at 25 )
C
12
L901
1. Type
L901 : Double Connect Type1
(PCB Terminal and Quick Connect Terminal)
2.Contact Arrangement
Nil: 1 FormC (1 PDT)
A : 1 Form A ( 1PST-NO)
B : 1 Form B( 1PST-NC)
A
A
3. Coil Nominal Voltage
4. Coil Nominal Voltage Type
D: DC
A : AC
5.Contact Rating
Nil : 30A (UL / TUV)
L : 40A
T : 30A
1
2
3
4
L
5
UL FILE NO. : E510886
CUL FILE NO. : E510886
TUV FILE NO. : R50433377
RAYEX ELEC.ISSUED RECOY INT’L.


Similar Part No. - L901

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L9012LT1 LRC-L9012LT1 Datasheet
53Kb / 2P
General Purpose Transistors PNP Silicon
L9012LT1G LRC-L9012LT1G Datasheet
53Kb / 2P
General Purpose Transistors PNP Silicon
L9012PLT1 LRC-L9012PLT1 Datasheet
53Kb / 2P
General Purpose Transistors PNP Silicon
L9012PLT1G LRC-L9012PLT1G Datasheet
55Kb / 2P
General Purpose Transistors PNP Silicon
logo
Shanghai Leiditech Elec...
L9012PLT1G LEIDITECH-L9012PLT1G Datasheet
273Kb / 2P
General Purpose Transistors
More results

Similar Description - L901

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com