Electronic Components Datasheet Search
  English  ▼

X  

LEG-12F Datasheet(PDF) 1 Page - RAYEX ELECTRONICS CO., LTD

Part # LEG-12F
Description  LEG-F SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAYEX [RAYEX ELECTRONICS CO., LTD]
Direct Link  https://www.relay-rayex.com/
Logo RAYEX - RAYEX ELECTRONICS CO., LTD

LEG-12F Datasheet(HTML) 1 Page - RAYEX ELECTRONICS CO., LTD

  LEG-12F Datasheet HTML 1Page - RAYEX ELECTRONICS CO., LTD LEG-12F Datasheet HTML 2Page - RAYEX ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LEG-F SERIES
•15A cube relay
•1 Form C ( 1PDT) contact arrangement
•Plastic material applied in high temperature and better
chemical solution.
•Sealed type for washing procedure
•Using at domestic appliances, office machines, audio
equipment, coffee pot , control units, etc.
FEATURES
ORDERING INFORMATION
12
1. Type
2.Contact Arrangement
Nil:1Form C(1PDT)
1A:1Form A(1PST-NO)
3. Coil Nominal Voltage
4. Contact Rating
F: 15A,0.36W
F
3
4
5.Power Consumption
(Marked on the date code)
L :0.80W
M:0.45W
F :0.64W
Coil Nominal
Voltage
(VDC)
Resistance Tol. 10%
±
(Ohms )
Nominal Current
(mA)
Maximum
Pick Up
Voltage (V)
Minimum
Drop Out
Voltage (V)
3
5
6
9
12
24
25
70
100
225
400
1,600
120
72
60
40
30
15
2.1
3.5
4.2
6.3
8.4
16.8
0.3
0.5
0.6
0.9
1.2
2.4
48
6,400
7.5
33.6
4.8
Resistive (Cos.q = 1)
AC 120V / DC 24V
15A
COIL DATA(0.36W,0.45W,0.8W,0.64W at 25 )
C
CONTACT RATING
0.36W 0.45W 0.8W
0.45W
0.36W
0.8W
20
55
80
180
320
1,280
150
90.9
75
50
37.5
18.5
11.3
31
45
101
180
740
265
161
133
89.1
66.6
32.4
0.64W
0.64W
56
127
225
900
107
70.8
53.3
26.7
LEG
1
1A
2
1A
5
UL FILE NO. : E510886
CUL FILE NO. : E510886
TUV FILE NO. : R50433377
RAYEX ELEC.ISSUED RECOY INT’L.


Similar Part No. - LEG-12F

ManufacturerPart #DatasheetDescription
logo
RAYEX ELECTRONICS CO., ...
LEG-12 RAYEX-LEG-12 Datasheet
578Kb / 2P
LEG SERIES
LEG-12H RAYEX-LEG-12H Datasheet
578Kb / 2P
LEG SERIES
More results

Similar Description - LEG-12F

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MCC132-14IO1 IXYS-MCC132-14IO1 Datasheet
212Kb / 6P
Phase leg
MCC310-14IO1 IXYS-MCC310-14IO1 Datasheet
190Kb / 6P
Phase leg
MCC26-16IO8B IXYS-MCC26-16IO8B Datasheet
669Kb / 6P
Phase leg
MCC72-16IO1B IXYS-MCC72-16IO1B Datasheet
645Kb / 6P
Phase leg
MCC72-18IO8B IXYS-MCC72-18IO8B Datasheet
445Kb / 6P
Phase leg
MCC95-18IO8B IXYS-MCC95-18IO8B Datasheet
306Kb / 6P
Phase leg
MCC255-16IO1 IXYS-MCC255-16IO1 Datasheet
345Kb / 6P
Phase leg
MCC310-16IO1 IXYS-MCC310-16IO1 Datasheet
190Kb / 6P
Phase leg
MCC162-16IO1 IXYS-MCC162-16IO1 Datasheet
210Kb / 6P
Phase leg
logo
RAYEX ELECTRONICS CO., ...
LEG RAYEX-LEG Datasheet
578Kb / 2P
LEG SERIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com