Electronic Components Datasheet Search
  English  ▼

X  

LMR Datasheet(PDF) 2 Page - RAYEX ELECTRONICS CO., LTD

Part # LMR
Description  LMR SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAYEX [RAYEX ELECTRONICS CO., LTD]
Direct Link  https://www.relay-rayex.com/
Logo RAYEX - RAYEX ELECTRONICS CO., LTD

LMR Datasheet(HTML) 2 Page - RAYEX ELECTRONICS CO., LTD

  LMR Datasheet HTML 1Page - RAYEX ELECTRONICS CO., LTD LMR Datasheet HTML 2Page - RAYEX ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CONTACT RATING
DIMENSIONS(±0.3mm)
Insulation Resistance
Dielectric Strength
Contact Material
Contact Resistance
Shock Resistance
Vibration Resistance
Operation Time
Release Time
Temperature Range
Expected Life
Weight
1,00 MW Min. (DC 500V)
1,000 VAC, 50/60Hz between contact.
5,000 VAC, 50/60Hz between all elements.
Ag .Alloy.
100 milliohms max. ( initial value )
Malfunction: 10G(11ms) ; Destructive: 100G(6ms)
Malfunction: 10 to 55 Hz. at Double Amplitude of 1.5 mm
Destructive: 10 to 55 Hz. at Double Amplitude of 1.5 mm
15 ms max.
10 ms max.
o
o
- 40 C ~ + 85 C
With operation rate 30/min.
Mechanical - 10,000,000 operations min.
Electrical - 100,000 operations min. at rated load.
12 garms
GENERAL DATA
8A
16A
Resistive (Cos.q = 1)
Resistive (Cos.q = 1)
LMR2
TYPE (2PDT)
LMR1H TYPE (1PDT)
AC 250V / DC 30V
LMR1
TYPE (1PDT)
Resistive (Cos.q = 1)
AC 250V / DC 30V
12A
AC 250V / DC 30V
20
5
20
5
5
5-Ø1.3
3.5 3.5
20
LMR2
LMR1
LMR1H
WIRING DIAGRAM
(BOTTOM VIEW)
P.C.B LAYOUT
(BOTTOM VIEW)
COM
NC
NO
COM
NO
COM
NO
NC
NO
COM
NC
3.5 3.5
20
29
1.0
7.5
12.5
5
5
20
29
1.0
7.5
12.5
5
5
20
29
1.0
7.5
12.5
8-Ø1.3
6-Ø1.3
NC
COM
NO
20
5
5
8-Ø1.3
20
5
COM
NO
NO COM
6-Ø1.3
COM
NO
4-Ø1.3
3.5
20
1A
1C
1A
1C
1A
1C
1C
RAYEX ELEC.ISSUED RECOY INT’L.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com