Electronic Components Datasheet Search
  English  ▼

X  

LD-12PR Datasheet(PDF) 1 Page - RAYEX ELECTRONICS CO., LTD

Part # LD-12PR
Description  LD SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAYEX [RAYEX ELECTRONICS CO., LTD]
Direct Link  https://www.relay-rayex.com/
Logo RAYEX - RAYEX ELECTRONICS CO., LTD

LD-12PR Datasheet(HTML) 1 Page - RAYEX ELECTRONICS CO., LTD

  LD-12PR Datasheet HTML 1Page - RAYEX ELECTRONICS CO., LTD LD-12PR Datasheet HTML 2Page - RAYEX ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Coil Nominal
Voltage
(VDC)
Resistance Tol. 10%
±
(Ohms)
Nominal Current
(mA)
Maximum
Pick Up
Voltage (V)
Minimum
Drop Out
Voltage (V)
80
320
150
75
8.4
16.8
1.2
2.4
LD SERIES
•30A switching use relay at ambient temperature of 85°
•Solder lug (quick connect) and PCB terminals are available
for customer's selection.
•Contact form: 1 form C, 1 Form B, 1 Form A, and 2 Form A
•Using at automotives, direct connection with cell motors,
transmission, and anti-locking braking system.
FEATURES
ORDERING INFORMATION
COIL DATA(1.8W, at 25 )
C
12
LD
1. Type
2. Contact Arrangement
Nil : 1 Form C
1A : 1 Form A
1B : 1 Form B
2A : 2 Form A
2AU
F
3. Coil Nominal Voltage
4. Cover Type
F : Cover for Steel Bracket
P : Cover for Plastic Bracket
B : Plastic Cover
5. Terminal Type
Nil : Standard Type
P : PCB Terminal
1
2
3
4
5
6. Special Mark
Nil : Standard Type.
R : Coil parallel with 1/2W resistor 820
for 12VDC, 3200
for 24VDC.
Ω
Ω
D1 : Coil parallel with diode 1N4007 the Positive pole "+" on # 85 terminal.
D2 : Coil parallel with diode 1N4007 the Negative pole "-" on # 85 terminal.
CONTACT RATING
Resistive (Cos.q = 1)
DC 14V
DC 14V
40A/30A
2 x30A
Resistive (Cos.q = 1)
1 Form C
2 Form A
6
12
24
5
14
357
3.5
0.5
RAYEX ELEC.ISSUED RECOY INT’L.
20
300
4.2
0.6
6


Similar Part No. - LD-12PR

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
LD-121 AXIOMTEK-LD-121 Datasheet
129Kb / 1P
12.1 Industrial Open Frame LCD Monitor
More results

Similar Description - LD-12PR

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NDAV521E1 NICHIA-NDAV521E1 Datasheet
360Kb / 2P
LD Slot Module
NUV101E NICHIA-NUV101E Datasheet
244Kb / 2P
LD Slot Module
NUV102E NICHIA-NUV102E Datasheet
206Kb / 2P
LD Slot Module
logo
Mitsubishi Electric Sem...
ML501P73 MITSUBISHI-ML501P73 Datasheet
166Kb / 5P
ML5xx73 LD SERIES
ML60171C MITSUBISHI-ML60171C Datasheet
101Kb / 5P
ML6xx71 LD SERIES
logo
Weidmuller
0222760001 WEIDMULLER-0222760001 Datasheet
474Kb / 2P
ASK 1EN/LD, KDKS 1EN/LD and KDKS 1PE/LD Indicating Fuse Terminal Blocks
logo
NICHIA CORPORATION
NUV203E NICHIA-NUV203E Datasheet
373Kb / 2P
LD Receptacle Module
NUU102E NICHIA-NUU102E_16 Datasheet
109Kb / 2P
LD Slot Module
NUV101E NICHIA-NUV101E_16 Datasheet
105Kb / 2P
LD Slot Module
NUV102E NICHIA-NUV102E_16 Datasheet
113Kb / 2P
LD Slot Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com