Electronic Components Datasheet Search
  English  ▼

X  

LD1A-12PR Datasheet(PDF) 2 Page - RAYEX ELECTRONICS CO., LTD

Part # LD1A-12PR
Description  LD SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAYEX [RAYEX ELECTRONICS CO., LTD]
Direct Link  https://www.relay-rayex.com/
Logo RAYEX - RAYEX ELECTRONICS CO., LTD

LD1A-12PR Datasheet(HTML) 2 Page - RAYEX ELECTRONICS CO., LTD

  LD1A-12PR Datasheet HTML 1Page - RAYEX ELECTRONICS CO., LTD LD1A-12PR Datasheet HTML 2Page - RAYEX ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Insulation Resistance
Dielectric Strength
Contact Material
Contact Resistance
Shock Resistance
Vibration Resistance
Operation Time
Release Time
Temperature Range
Expected Life
Weight
100 MW Min. (DC 500V)
500 VAC, 50/60Hz between contact.
1,000 VAC, 50/60Hz between all elements.
100 milliohms max. ( initial value )
Malfunction: 10G(11ms) ; Destructive: 100G(6ms)
Malfunction: 10 to 55 Hz. at Double Amplitude of 1.5 mm
Destructive: 10 to 55 Hz. at Double Amplitude of 1.5 mm
10 ms max.
10 ms max.
o
o
- 40 C ~ + 85 C
With operation rate 30/min.
Mechanical - 1,000,000 operations min.
Electrical - 100,000 operations min. at rated load.
32 grams
GENERAL DATA
Ag Alloy.
6.3
0.8
27
4.5
16.8
16.8
28
22
6.3
0.8
27
DIMENSIONS(±0.2mm)
F TYPE
P TYPE
B TYPE
P.C.B LAYOUT
(BOTTOM VIEW)
WIRING DIAGRAM
(BOTTOM VIEW)
1C
85
86
87
30
87a
85
86
87
30
1A
85
86
30
87a
1B
85
86
87
30
87a
2A
16.8
87
86
30
85
87a
5.6
5.6
85
86
30
87
87a
2AU
16.8
28
15.2
ø 5.2mm
1.0
28
1.53
6.3
0.8
RAYEX ELEC.ISSUED RECOY INT’L.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com