Electronic Components Datasheet Search
  English  ▼

X  

VBMB16R01 Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # VBMB16R01
Description  Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VBMB16R01 Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  VBMB16R01 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd VBMB16R01 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd VBMB16R01 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VBMB16R01 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VBMB16R01 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VBMB16R01 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd VBMB16R01 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd VBMB16R01 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd VBMB16R01 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Power MOSFET
FEATURES
• Halogen-free According to IEC 61249-2-21
Definition
• Dynamic dV/dt Rating
• Repetitive Avalanche Rated
• Available in Tape and Reel
•Fast Switching
• Ease of Paralleling
• Compliant to RoHS Directive 2002/95/EC
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. VDD = 50 V, starting TJ = 25 °C, L = 37 mH, Rg = 25 Ω, IAS = 2.0 A (see fig. 12).
c. ISD ≤ 2.0 A, dI/dt ≤ 40 A/μs, VDD ≤ VDS, TJ ≤ 150 °C.
d. 1.6 mm from case.
e. When mounted on 1" square PCB (FR-4 or G-10 material).
PRODUCT SUMMARY
VDS (V)
600
RDS(on) (Ω)VGS = 10 V
8
Qg (Max.) (nC)
18
Qgs (nC)
3.0
Qgd (nC)
8.9
Configuration
Single
ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
600
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current
VGS at 10 V
TC = 25 °C
ID
1.0
A
TC = 100 °C
1.0
Pulsed Drain Currenta
IDM
1.0
Linear Derating Factor
0.33
W/°C
Linear Derating Factor (PCB Mount)e
0.020
Single Pulse Avalanche Energyb
EAS
74
mJ
Repetitive Avalanche Currenta
IAR
2.0
A
Repetitive Avalanche Energya
EAR
4.2
mJ
Maximum Power Dissipation
TC = 25 °C
PD
42
W
Maximum Power Dissipation (PCB Mount)e
TA = 25 °C
2.5
Peak Diode Recovery dV/dtc
dV/dt
3.0
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 150
°C
Soldering Recommendations (Peak Temperature)
for 10 s
260d
* Pb containing terminations are not RoHS compliant, exemptions may apply
S
N-Channel MOSFET
G
D
TO-220AB
Top View
GD S
G D S
TO-220 FULLPAK
TO-252
GD
S
Top View
TO-251
G
D
S
Top View
Top View
VBM16R01 / VBMB16R01
VBE16R01 / VBFB16R01
www.VBsemi.com
服务热线:400-655-8788
VBM16R01
VBMB16R01
VBE16R01
VBFB16R01


Similar Part No. - VBMB16R01

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
VBMB16R02 VBSEMI-VBMB16R02 Datasheet
1Mb / 12P
Power MOSFET
VBMB16R02 VBSEMI-VBMB16R02 Datasheet
1Mb / 12P
Power MOSFET
VBMB16R02S VBSEMI-VBMB16R02S Datasheet
1Mb / 12P
N-Channel 600V(D-S) Super Junction Power MOSFET
VBMB16R04 VBSEMI-VBMB16R04 Datasheet
825Kb / 11P
N-Channel 600V (D-S)Power MOSFET
VBMB16R04 VBSEMI-VBMB16R04 Datasheet
862Kb / 11P
Power MOSFET
More results

Similar Description - VBMB16R01

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com