Electronic Components Datasheet Search
  English  ▼

X  

TSM114IN Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSM114IN
Description  3.3V 5V 짹12V Housekeeping IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM114IN Datasheet(HTML) 4 Page - STMicroelectronics

  TSM114IN Datasheet HTML 1Page - STMicroelectronics TSM114IN Datasheet HTML 2Page - STMicroelectronics TSM114IN Datasheet HTML 3Page - STMicroelectronics TSM114IN Datasheet HTML 4Page - STMicroelectronics TSM114IN Datasheet HTML 5Page - STMicroelectronics TSM114IN Datasheet HTML 6Page - STMicroelectronics TSM114IN Datasheet HTML 7Page - STMicroelectronics TSM114IN Datasheet HTML 8Page - STMicroelectronics TSM114IN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TSM114
Electrical Characteristics
4/14
Idtrm
Current discharge of TRem
2
5
mA
Vtrmol
Low output voltage
0.2
V
Vtrmoh
Clamp voltage
3.3
3.6
3.9
V
Vintrm
Input voltage
-0.3
3.3
V
DIotrm
Current source drift in temperature
Tmin. < Tamb < Tmax
2
µA
Power Good (PG)
Ipgol
Sink current
VolPg=0.2V
10
mA
Vpgol
Low output voltage
Isink=10mA
0.2
V
Tpgr
Rise time PG
Rpg=1K
500
nS
Tpg
Iotpg
Current source
9
10
11
µA
THtpg
High threshold
From low to high
2.425
2.50
2.575
V
TLtpg
Low threshold
From high to low
1.9
2
2.1
V
Idtpg
Current discharge
2
5
mA
Vtpgol
Low output voltage
0.2
V
Vtpgoh
Clamp voltage
3.3
3.6
3.9
V
Vintpg
Input voltage
-0.3
3.3
V
DIotpg
Current source drift in temperature
Tmin. < Tamb < Tmax
2
µA
Fault
Ifltol
IFault sink current
VolFault=0.2V
10
mA
Vfltol
Low output voltage
IsinkFault=10mA
0.2
V
Rcrnt
VRcrn
Output voltage
1.93
2.02
2.11
V
1)
DisVs33 disable voltage shall be between 4V and Vcc. When using DisVs33 disable function, connected to Vcc is better.
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com