Electronic Components Datasheet Search
  English  ▼

X  

BFQ151 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BFQ151
Description  PNP video transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFQ151 Datasheet(HTML) 2 Page - NXP Semiconductors

  BFQ151 Datasheet HTML 1Page - NXP Semiconductors BFQ151 Datasheet HTML 2Page - NXP Semiconductors BFQ151 Datasheet HTML 3Page - NXP Semiconductors BFQ151 Datasheet HTML 4Page - NXP Semiconductors BFQ151 Datasheet HTML 5Page - NXP Semiconductors BFQ151 Datasheet HTML 6Page - NXP Semiconductors BFQ151 Datasheet HTML 7Page - NXP Semiconductors BFQ151 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1997 Sep 19
2
Philips Semiconductors
Product specification
PNP video transistor
BFQ151
FEATURES
• High gain bandwidth
• Good thermal stability
• Gold metallization ensures
excellent reliability.
APPLICATIONS
• Pre-stage driver between video
amplifier and video module.
DESCRIPTION
PNP video transistor in a SOT54
plastic package.
PINNING
PIN
DESCRIPTION
1
base
2
collector
3
emitter
Fig.1 Simplified outline SOT54.
page
1
3
2
MSB033
QUICK REFERENCE DATA
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Ts is the temperature at the soldering point of the collector pin.
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−−20
V
IC
collector current (DC)
−−100
mA
Ptot
total power dissipation
Ts ≤ 60 °C
−
1.25
W
fT
transition frequency
IC = −70 mA; VCE = −10 V
3.5
−
GHz
Cre
feedback capacitance
IC = 0; VCB = −10 V
1.8
−
pF
Tj
junction temperature
−
175
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−−20
V
VCEO
collector-emitter voltage
open base
−−15
V
VEBO
emitter-base voltage
open collector
−−3V
IC
collector current (DC)
−−100
mA
Ptot
total power dissipation
Ts ≤ 60 °C; note 1; see Fig.2
−
1.25
W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
175
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com