Electronic Components Datasheet Search
  English  ▼

X  

BFQ18A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BFQ18A
Description  NPN 4 GHz wideband transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFQ18A Datasheet(HTML) 2 Page - NXP Semiconductors

  BFQ18A Datasheet HTML 1Page - NXP Semiconductors BFQ18A Datasheet HTML 2Page - NXP Semiconductors BFQ18A Datasheet HTML 3Page - NXP Semiconductors BFQ18A Datasheet HTML 4Page - NXP Semiconductors BFQ18A Datasheet HTML 5Page - NXP Semiconductors BFQ18A Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
September 1995
2
Philips Semiconductors
Product specification
NPN 4 GHz wideband transistor
BFQ18A
DESCRIPTION
NPN transistor in a plastic SOT89
envelope intended for application in
thick and thin-film circuits. It is
primarily intended for MATV
purposes.
PINNING
PIN
DESCRIPTION
Code: FF
1
emitter
2
collector
3
base
Fig.1 SOT89.
page
12
3
Bottom view
MBK514
QUICK REFERENCE DATA
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 134).
Note
1. Ts is the temperature at the soldering point of the collector tab.
SYMBOL
PARAMETER
CONDITIONS
TYP. MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
25
V
VCEO
collector-emitter voltage
open base
−
18
V
IC
DC collector current
−
150
mA
Ptot
total power dissipation
up to Ts = 155 °C (note 1)
−
1W
fT
transition frequency
IC = 100 mA; VCE = 10 V; f = 500 MHz;
Tj = 25 °C
4
−
GHz
Cre
feedback capacitance
IC = 0; VCE = 10 V; f = 10.7 MHz
1.2
−
pF
dim
intermodulation distortion
IC = 80 mA; VCE = 10 V; RL =75 Ω;
Vo = 700 mV; measured at
f(p+q-r) = 793.25 MHz
−−60
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
25
V
VCEO
collector-emitter voltage
open base
−
18
V
VEBO
emitter-base voltage
open collector
−
2V
IC
DC collector current
−
150
mA
Ptot
total power dissipation
up to Ts = 155 °C (note 1)
−
1W
Tstg
storage temperature
−65
150
°C
Tj
junction temperature
−
175
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com