Electronic Components Datasheet Search
  English  ▼

X  

74FCT157ATSOG Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 74FCT157ATSOG
Description  FAST CMOS QUAD 2-INPUT MULTIPLEXER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74FCT157ATSOG Datasheet(HTML) 4 Page - Renesas Technology Corp

  74FCT157ATSOG Datasheet HTML 1Page - Renesas Technology Corp 74FCT157ATSOG Datasheet HTML 2Page - Renesas Technology Corp 74FCT157ATSOG Datasheet HTML 3Page - Renesas Technology Corp 74FCT157ATSOG Datasheet HTML 4Page - Renesas Technology Corp 74FCT157ATSOG Datasheet HTML 5Page - Renesas Technology Corp 74FCT157ATSOG Datasheet HTML 6Page - Renesas Technology Corp 74FCT157ATSOG Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
INDUSTRIALTEMPERATURERANGE
4
IDT74FCT157AT/CT/DT
FASTCMOSQUAD2-INPUTMULTIPLEXER
NOTES:
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
IDT74FCT151AT
IDT74FCT151CT
IDT74FCT151DT
Symbol
Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
PropagationDelay
CL = 50pF
1.5
5
1.5
4.3
1.5
3.9
ns
tPHL
Ix to Zx
RL = 500
Ω
tPLH
PropagationDelay
1.5
6
1.5
4.8
1.5
4.4
ns
tPHL
E to Zx
tPLH
PropagationDelay
1.5
7
1.5
5.2
1.5
4.6
ns
tPHL
S to Zx
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
ΔICC
Quiescent Power Supply Current
VCC = Max.
—
0.5
2
mA
TTL Inputs HIGH
VIN = 3.4V(3)
ICCD
Dynamic Power Supply
VCC = Max.
VIN = VCC
—
0.15
0.25
mA/
Current(4)
Outputs Open
VIN = GND
MHz
E = GND
One Input Toggling
50% Duty Cycle
IC
Total Power Supply Current(6)
VCC = Max.
VIN = VCC
—
1.5
3.5
mA
Outputs Open
VIN = GND
fo = 10MHz
50% Duty Cycle
VIN = 3.4V
—
1.8
4.5
E = GND
VIN = GND
One Bit Toggling
VCC = Max.
VIN = VCC
—
1.5
3.5(5)
mA
Outputs Open
VIN = GND
fo = 2.5MHz
50% Duty Cycle
VIN = 3.4V
—
2.5
7.5(5)
E = GND
VIN = GND
Four Bits Toggling
NOTES:
1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25°C ambient.
3. Per TTL driven input (VIN = 3.4V). All other inputs at VCC or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations.
5. Values for these conditions are examples of
ΔICC formula. These limits are guaranteed but not tested.
6. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
ΔICC DHNT + ICCD (fONO)
ICC = Quiescent Current
ΔICC = Power Supply Current for a TTL High Input (VIN = 3.4V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current caused by an Input Transition Pair (HLH or LHL)
fO = Output Frequency
NO = Number of Outputs at fO
All currents are in milliamps and all frequencies are in megahertz.
POWER SUPPLY CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com