Electronic Components Datasheet Search
  English  ▼

X  

74FST163223PA Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 74FST163223PA
Description  16-BIT 2:1 MUX/DEMUX SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74FST163223PA Datasheet(HTML) 7 Page - Renesas Technology Corp

  74FST163223PA Datasheet HTML 1Page - Renesas Technology Corp 74FST163223PA Datasheet HTML 2Page - Renesas Technology Corp 74FST163223PA Datasheet HTML 3Page - Renesas Technology Corp 74FST163223PA Datasheet HTML 4Page - Renesas Technology Corp 74FST163223PA Datasheet HTML 5Page - Renesas Technology Corp 74FST163223PA Datasheet HTML 6Page - Renesas Technology Corp 74FST163223PA Datasheet HTML 7Page - Renesas Technology Corp 74FST163223PA Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
INDUSTRIALTEMPERATURERANGE
IDT74FST163233
16-BIT 2:1 MUX/DEMUX SWITCH
ORDERING INFORMATION
XX
Temp. Range
XXX
Device Type
X
Package
74
–40°C to +85°C
PV
PA
PAG
233
Shrink Small Outline Package
Thin Shrink Small Outline Package
TSSOP - Green
16-Bit 2:1 Mux/Demux Switch
FST
Family
XXX
163
Double-Density Bus Switch



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com