Electronic Components Datasheet Search
  English  ▼

X  

ARES-2414X Datasheet(PDF) 3 Page - Advantech Co., Ltd.

Part # ARES-2414X
Description  Adjustable desk stands for industrial applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ARES-2414X Datasheet(HTML) 3 Page - Advantech Co., Ltd.

  ARES-2414X Datasheet HTML 1Page - Advantech Co., Ltd. ARES-2414X Datasheet HTML 2Page - Advantech Co., Ltd. ARES-2414X Datasheet HTML 3Page - Advantech Co., Ltd. ARES-2414X Datasheet HTML 4Page - Advantech Co., Ltd. ARES-2414X Datasheet HTML 5Page - Advantech Co., Ltd. ARES-2414X Datasheet HTML 6Page - Advantech Co., Ltd. ARES-2414X Datasheet HTML 7Page - Advantech Co., Ltd. ARES-2414X Datasheet HTML 8Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Specifications
Net Weight
3.12 Kg (6.88lbs)
Dimension (W x H x D)
222 x 432 x 252 mm
(8.74" x 17.01" x 9.92")
Screw Type
M4
Material
Steel/Plastic/Aluminum
Hinge Module
Swivel (Hinge)
360°
Tilt (Hinge)
-5° ~ +25°
Pivot
360°
User Torque Adjust
Available
Display Support
Mounting Pattern
100x100 / 75x75 mm
Display Type
Single Monitor
Panel Size Support
27"
Thickness
8.5cm
Support Weight (Range)
6~12Kg (13.23~26.46 lbs)
Curved panel support
weight (range)
5.5Kg (12.13lbs)
Height Adjust
Height Adjustment Range
130mm (5.12")
Tension Torque Adjust
Yes
Cable Management
Yes
Ordering Information
Part No.
Color
Product Description
ARES-2423R-A741L00
White
Table Stand, support 27", 6 ~ 12 kg, 75 x 75 /
100 x100 mm
ARES-2423R-A741L01
Black
Table Stand, support 27", 6 ~ 12 kg, 75 x 75 /
100 x100 mm
Specifications
Net Weight
3.12 Kg (6.88lbs)
Dimension (W x H x D)
222 x 432 x 252 mm
(8.74" x 17.01" x 9.92")
Screw Type
M4
Material
Steel/Plastic/Aluminum
Hinge Module
Swivel (Hinge)
360°
Tilt (Hinge)
-5° ~ +25°
Pivot
360°
User Torque Adjust
Available
Display Support
Mounting Pattern
100x100 / 75x75 mm
Display Type
Single Monitor
Panel Size Support
27"
Thickness
8.5cm
Support Weight (Range)
2~8Kg (4.41~17.64 lbs)
Curved panel support
weight (range)
5.5Kg (12.13lbs)
Height Adjust
Height Adjustment Range
130mm (5.12")
Tension Torque Adjust
Yes
Cable Management
Yes
Ordering Information
Part No.
Color
Product Description
ARES-2421R-HA74100
White
Table Stand, support 27", 2 ~ 8 kg, 75 x 75 / 100 x100 mm
Dimensions
Dimensions
Unit: mm
Unit: mm
Adjustable desk stands for industrial
applications
ARES-2 Series
6~12 kg
2~8 kg
100x100 mm/
75x75 mm
100x100 mm/
75x75 mm
Color Options:
Color Options:
ARES-2423R
ARES-2421R
VESA
Tilt
Swivel
Rotate
Cable
Management
Height Adjust
Torque Adjust
100x100
75x75(mm)
+25º
-5º
360º
360º
130mm
75
100
222(W)
226
252(D)
Swivel 360°
-5° ~ 25°
VESA
Tilt
Swivel
Rotate
Cable
Management
Height Adjust
Torque Adjust
100x100
75x75(mm)
+25º
-5º
360º
360º
130mm
75
100
222(W)
226
252(D)
Swivel 360°
-5° ~ 25°
Last updated: 17-Apr-2023
All product specifications are subject to change without notice



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com