Electronic Components Datasheet Search
  English  ▼

X  

FXPS7115D4S Datasheet(PDF) 47 Page - NXP Semiconductors

Part # FXPS7115D4S
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4S Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button FXPS7115D4S Datasheet HTML 43Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 44Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 45Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 46Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 47Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 48Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 49Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 50Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 72 page
background image
NXP Semiconductors
FXPS7115D4S
Digital absolute pressure sensor, 40 kPa to 115 kPa
The value of the 48-bit free running timer register is copied to the sensor data 0 timestamp registers each
time sensor data 0 data is latched for transmission. The timestamp is updated at the start of the sensor data 0
register value transmission for a register read of the SNSDATA0_L register.
The timestamp register is organized to allow for optimized reading of the timestamp in I2C automatic sensor
data register read wrap-around mode as documented in Table 9.
The sensor data 0 timestamp registers are read-only registers that contain a 48-bit timestamp.
The value of the 48-bit free running timer register is copied to the sensor data 0 timestamp registers each time
sensor data 0 data is latched for transmission via SPI.
Location
Bit
Address
Symbol
7
6
5
4
3
2
1
0
66h
SNSDATA0_TIME0
SNSDATA0_TIME[7:0]
67h
SNSDATA0_TIME1
SNSDATA0_TIME[15:8]
68h
SNSDATA0_TIME2
SNSDATA0_TIME[23:16]
69h
SNSDATA0_TIME3
SNSDATA0_TIME[31:24]
6Ah
SNSDATA0_TIME4
SNSDATA0_TIME[39:32]
6Bh
SNSDATA0_TIME5
SNSDATA0_TIME[47:40]
Factory default
0
0
0
0
0
0
0
0
Access
R
R
R
R
R
R
R
R
Table 83. SNSDATA0_TIMEx - timestamp register (address 66h to 6Bh) bit allocation
7.7.20 P_MAX, P_MIN - maximum and minimum absolute pressure value registers (address
6Ch to 6Fh)
The minimum and maximum absolute pressure value registers are read-only registers that contain a sample-
by-sample continuously updated minimum and maximum 16-bit absolute pressure value. The value is reset to
0000h on a write to a DSP_CFG_U1 register that changes the value of the LPF[2:0] or ST_CTRL[3:0].
The values of P_Max and P_Min obtained during a SPI or I2C register read might not always be the same value
as the instantaneous pressure value obtained from the SNSDATA_x registers.
These registers are readable in SPI mode or I2C mode. In I2C mode, the P_xxx_H register value is latched on
a read of the P_xxx_L register value until the P_xxx_H register is read. To avoid data mismatch, the user is
always required to read the registers in sequence, P_xxx_L register first, followed by the P_xxx_H register.
Location
Bit
Address
Symbol
7
6
5
4
3
2
1
0
6Ch
P_MAX_L
P_MAX[7:0]
6Dh
P_MAX_H
P_MAX[15:8]
6Eh
P_MIN_L
P_MIN[7:0]
6Fh
P_MIN_H
P_MIN[15:8]
Factory default
0
0
0
0
0
0
0
0
Access
R
R
R
R
R
R
R
R
Table 84. P_Max and P_Min registers (address 6Ch to 6Fh) bit allocation
7.7.21 FRT - free running timer registers (addresses 78h to 7Dh)
The free running timer registers are read-only registers that contain a 48-bit free running timer. The free running
timer is clocked by the main oscillator frequency and increments every 100 ns.
FXPS7115D4S
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Objective data sheet
Rev. 1.1 — 7 June 2023
47 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com