Electronic Components Datasheet Search
  English  ▼

X  

ZWS-AF Datasheet(PDF) 1 Page - DENSEI-LAMBDA

Part # ZWS-AF
Description  Single output 50W ~ 150W
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

ZWS-AF Datasheet(HTML) 1 Page - DENSEI-LAMBDA

  ZWS-AF Datasheet HTML 1Page - DENSEI-LAMBDA ZWS-AF Datasheet HTML 2Page - DENSEI-LAMBDA ZWS-AF Datasheet HTML 3Page - DENSEI-LAMBDA ZWS-AF Datasheet HTML 4Page - DENSEI-LAMBDA ZWS-AF Datasheet HTML 5Page - DENSEI-LAMBDA ZWS-AF Datasheet HTML 6Page - DENSEI-LAMBDA ZWS-AF Datasheet HTML 7Page - DENSEI-LAMBDA ZWS-AF Datasheet HTML 8Page - DENSEI-LAMBDA ZWS-AF Datasheet HTML 9Page - DENSEI-LAMBDA Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
59
Model name
ZWS 100AF-5/
ZWS100AF
ZWS150AF
ZWS50AF
ZWS75AF
ZWS-AF-SERIES
Single output 50W ~ 150W
1. Input voltage range
2. Power factor
3. Output Voltage range
4. Cooling
5. Operating ambient
temperature
(Standard mounting)
6. Withstand voltage
7. Safety standard
8. CE marking
9. EMI
10. Immunity
11. PFHC
12. Functions
85~265VAC (47~63Hz) , 120~370VDC universal input
0.99 (typ) 100VAC at full load, 0.95(typ) 200VAC at full load
10%
Convection cooling or Forced air cooling
ZWS50AF,75AF,
Convection cooling -10°C~+50°C:100%,+60°C:70% (with cover:-10°C~+40°C:100%,+50°C:70%)
Forced air cooling -10°C~+60°C:100%,+70°C:70% (with cover:-10°C~+50°C:100%,+60°C:70%)
ZWS100AF
Convection cooling -10°C~+50°C:100%,+60°C:60% (with cover:-10°C~+40°C:100%,+50°C:60%)
Forced air cooling -10°C~+60°C:100%,+70°C:70% (with cover:-10°C~+50°C:100%,+60°C:70%)
ZWS150AF
Convection cooling -10°C~+40°C:100%,+60°C:50% (with cover:-10°C~+30°C:100%,+45°C:50%)
Forced air cooling -10°C~+50°C:100%,+60°C:70% (with cover:-10°C~+40°C:100%,+50°C:70%)
Input-output : 3kVAC (20mA) , Input-FG : 2kVAC (20mA) , Output-FG : 500VAC (100mA) for 1 min
Approved by UL1950
, CSA950(C-UL)
, EN60950(TUV)
and EN50178(TUV)
Conforms to Low Voltage Directive
Meets to EN55011-B,EN55022,FCC-B,VCCI-B
Meets to EN50082-2(EN61000-4-2,-3,-4,-5,-6,-7,-8,-11)
Meets to EN61000-3-2
Over voltage protection,Over current protection,Remote on/off control(for open frame type only)
Features
marking (Low Voltage Directive)
Active Filter contained, PFHC type
Applicable to peak output wattage 120% (12V, 15V, 24V output)
Low leakage current 0.5mA max
Equipped with Remote ON/OFF control
(with-cover type excluded) and output variable voltage
2 year warranty
Series Name
Output Voltage
Output Power
Active Filter
contained
Option
blank : Molex connector,
PCB type
A : Molex connector,
with-cover type
J : JST connector,
PCB type
JA : JST connector,
with-cover type
Specifications
(Low Voltage Directive)
2 year warranty
ZWS50AF-5
ZWS50AF-12
ZWS50AF-15
ZWS50AF-24
ZWS75AF-5
ZWS75AF-12
ZWS75AF-15
ZWS75AF-24
ZWS100AF-5
ZWS100AF-12
ZWS100AF-15
ZWS100AF-24
ZWS150AF-5
ZWS150AF-12
ZWS150AF-15
ZWS150AF-24
ZWS50AF
ZWS75AF
ZWS100AF
ZWS150AF
5V
12V
15V
24V
5V
12V
15V
24V
5V
12V
15V
24V
5V
12V
15V
24V
10A
4.3A
3.5A
2.1A
15A
6.3A
5.0A
3.2A
20A
8.5A
6.7A
4.3A
30A
12.5A
10A
6.3A
-
5.2A
4.2A
2.6A
-
7.5A
6.0A
3.8A
-
10A
8.0A
5.0A
-
15A
12A
7.5A
50.0W
51.6W
52.5W
50.4W
75.0W
75.6W
75.0W
76.8W
100.0W
102.0W
100.5W
103.2W
150.0W
150.0W
150.0W
151.2W
-
62.4W
63.0W
62.4W
-
90.0W
90.0W
91.8W
-
120.0W
120.0W
120.0W
-
180.0W
180.0W
180.0W
Model name
UL
CSA
EN
Nominal
output voltage
Max.
output current
Max. peak
output current
Max. average
output power
Max. peak
output power
Product lineup
: Safety standard approved
Note1 : Duration at peak current : 10 seconds max. within Max. average output power.
Based on the data under normal installation and without cover type. Needs output derating
according to installation method or ambient temperature condition.
Note 1
Note 1


Similar Part No. - ZWS-AF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ZWS VISHAY-ZWS Datasheet
190Kb / 11P
Cemented Wirewound Resistors with Lugs
19-Jul-16
logo
RSG Electronic Componen...
ZWS10-12 RSG-ZWS10-12 Datasheet
466Kb / 4P
Single Output Low Cost, Worldwide Use
ZWS10-15 RSG-ZWS10-15 Datasheet
466Kb / 4P
Single Output Low Cost, Worldwide Use
ZWS10-24 RSG-ZWS10-24 Datasheet
466Kb / 4P
Single Output Low Cost, Worldwide Use
ZWS10-3 RSG-ZWS10-3 Datasheet
466Kb / 4P
Single Output Low Cost, Worldwide Use
More results

Similar Description - ZWS-AF

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
HK10A LAMBDA-HK10A Datasheet
317Kb / 3P
Single output 10W~150W?
JWS50 LAMBDA-JWS50 Datasheet
349Kb / 5P
Single output 50W ~ 600W???
VS100B LAMBDA-VS100B Datasheet
234Kb / 3P
Single output 10W~150W?
ZWS100AF LAMBDA-ZWS100AF Datasheet
1Mb / 19P
Single output 50W ~ 150W
logo
Mean Well Enterprises C...
SD-50 MEANWELL-SD-50 Datasheet
382Kb / 2P
50W Single Output DC-DC Converter
logo
RSG Electronic Componen...
ZWS50BAF RSG-ZWS50BAF Datasheet
817Kb / 4P
50W to 150W Single Output Power Supplies,Low Cost, Worldwide Use
logo
Astrodyne Corporation
LPS50 ASTRODYNE-LPS50 Datasheet
314Kb / 4P
50W Single Output Switching Power Supply
SD50DRL ASTRODYNE-SD50DRL Datasheet
1Mb / 3P
50W Single Output DC-DC Converter
logo
TDK Electronics
CME150-24 TDK-CME150-24 Datasheet
654Kb / 9P
Single Output 150W - 240W
HWS-A TDK-HWS-A Datasheet
1Mb / 56P
Single Output 15W 節?150W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com