Electronic Components Datasheet Search
  English  ▼

X  

3KASMC10 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 3KASMC10
Description  Surface Mount Automotive Transient Voltage Suppressors (High Temperature Stability & High Reliability Conditions)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

3KASMC10 Datasheet(HTML) 1 Page - Vishay Siliconix

  3KASMC10 Datasheet HTML 1Page - Vishay Siliconix 3KASMC10 Datasheet HTML 2Page - Vishay Siliconix 3KASMC10 Datasheet HTML 3Page - Vishay Siliconix 3KASMC10 Datasheet HTML 4Page - Vishay Siliconix 3KASMC10 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Vishay General Semiconductor
3KASMC10 thru 3KASMC43A
New Product
Document Number 88480
29-Jun-06
www.vishay.com
1
Surface Mount Automotive Transient Voltage Suppressors
High Temperature Stability & High Reliability Conditions
FEATURES
• Patented PAR® construction
• Available in Unidirectional polarity only
• 3000 W peak pulse power capability with a
10/1000 µs waveform
• Excellent clamping capability
• Very fast response time
• Low incremental surge resistance
• Typical ID less than 1.0 µA above 13 V rating
• Meets MSL level 1, per J-STD-020C, LF max peak
of 260 °C
• Solder Dip 260 °C, 40 seconds
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
Use in sensitive electronics protection against voltage
transients induced by inductive load switching and
lighting on ICs, MOSFET, signal lines of sensor units
for consumer, computer, industrial, automotive and
telecommunication.
MECHANICAL DATA
Case: DO-214AB (SMC)
Epoxy meets UL 94V-0 flammability rating
Terminals: Matte tin plated leads, solderable per
J-STD-002B and JESD22-B102D
HE3 suffix for high reliability grade (AEC Q101
qualified)
Polarity: Color band denotes cathode end
* Patent #'s
4,980,315
5,278,094
Patented*
5,166,769
DO-214AB (SMC)
MAJOR RATINGS AND CHARACTERISTICS
VWM
10 V to 43 V
PPPM
3000 W
PD
6.0 W
IFSM
200 A
Tj max.
185 °C
Note:
(1) Non-repetitive current pulse, per Fig. 3 and derated above TA = 25 °C per Fig. 2
(2) Measured on 8.3 ms single half sine-wave, or equivalent square wave, duty cycle = 4 pulses per minute maximum
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Peak pulse power dissipation with a 10/1000 µs waveform (1) (Fig. 3)
PPPM
Minimum 3000
W
Peak power pulse current with a 10/1000 µs waveform (1) (Fig. 1)
IPPM
see next table
A
Peak forward surge current 8.3 ms single half sine-wave (2)
IFSM
200
A
Power dissipation on infinite heatsink at TL = 75 °C (Fig. 6)
PD
6.0
W
Maximum instantaneous forward voltage at 100 A (2)
VF
3.5
V
Operating junction and storage temperature range
TJ, TSTG
- 65 to + 185
°C


Similar Part No. - 3KASMC10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
3KASMC10 VISHAY-3KASMC10 Datasheet
110Kb / 5P
Surface Mount Automotive Transient Voltage Suppressors
21-Oct-08
3KASMC10 VISHAY-3KASMC10 Datasheet
92Kb / 5P
Surface Mount PAR Transient Voltage Suppressors
29-Jul-11
3KASMC10 VISHAY-3KASMC10 Datasheet
93Kb / 5P
Surface Mount PAR® Transient Voltage Suppressors
14-Dec-12
3KASMC10A VISHAY-3KASMC10A Datasheet
110Kb / 5P
Surface Mount Automotive Transient Voltage Suppressors
21-Oct-08
3KASMC10A VISHAY-3KASMC10A Datasheet
92Kb / 5P
Surface Mount PAR Transient Voltage Suppressors
29-Jul-11
More results

Similar Description - 3KASMC10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TMPG06-43A VISHAY-TMPG06-43A Datasheet
87Kb / 5P
Automotive Transient Voltage Suppressors (High Temperature Stability & High Reliability Conditions)
13-Dec-06
TPSMA43A VISHAY-TPSMA43A Datasheet
99Kb / 5P
Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
20-Sep-07
TMPG06-43A VISHAY-TMPG06-43A_08 Datasheet
102Kb / 5P
Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
21-Oct-08
TPSMA43A VISHAY-TPSMA43A_08 Datasheet
100Kb / 5P
Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
21-Oct-08
TPSMB43A VISHAY-TPSMB43A_08 Datasheet
104Kb / 5P
Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
21-Oct-08
TPSMC47A VISHAY-TPSMC47A Datasheet
109Kb / 5P
Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
21-Oct-08
TMPG06-6.8 VISHAY-TMPG06-6.8_11 Datasheet
85Kb / 5P
PAR Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
09-Feb-11
SM6S28AHE3 VISHAY-SM6S28AHE3 Datasheet
87Kb / 5P
Surface Mount PAR® Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
14-Sep-11
SM6A27-E32D VISHAY-SM6A27-E32D Datasheet
85Kb / 5P
Surface Mount PAR® Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
14-Sep-11
SM8S30AHE32D VISHAY-SM8S30AHE32D Datasheet
98Kb / 5P
Surface Mount PAR® Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
14-Sep-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com