Electronic Components Datasheet Search
  English  ▼

X  

AMR2501 Datasheet(PDF) 6 Page - MultiDimension Technology Co.,Ltd.

Part # AMR2501
Description  High Accuracy, Low Noise Linear Magnetic Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
Direct Link  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.

AMR2501 Datasheet(HTML) 6 Page - MultiDimension Technology Co.,Ltd.

  AMR2501 Datasheet HTML 1Page - MultiDimension Technology Co.,Ltd. AMR2501 Datasheet HTML 2Page - MultiDimension Technology Co.,Ltd. AMR2501 Datasheet HTML 3Page - MultiDimension Technology Co.,Ltd. AMR2501 Datasheet HTML 4Page - MultiDimension Technology Co.,Ltd. AMR2501 Datasheet HTML 5Page - MultiDimension Technology Co.,Ltd. AMR2501 Datasheet HTML 6Page - MultiDimension Technology Co.,Ltd. AMR2501 Datasheet HTML 7Page - MultiDimension Technology Co.,Ltd. AMR2501 Datasheet HTML 8Page - MultiDimension Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
7. Application Information
A voltage pulse of 5 V for 2 μs in 10 kHz can be select as the set/reset signal. The pulse voltage, pulse width
and duty cycle can be adjusted in a certain range. A typical drive circuit is shown in Figure 7.
AMR2501
V_Supply
8VDC
V_Source
PWM = 10 kHz
R_Source
R2
22kΩ
R1
200Ω
C1
10μF
X1
P-Channel
IRF7015P
X2
N-Channel
IRF7015N
C2
0.47μF
S/R+
S/R-
C3
0.47μF
C4
0.1μF
Rsr
Figure 7. Set/reset drive circuit of AMR2501
The circuit will generate 5 V set/reset pulses, as illustrated in figure 8.
Figure 8. Set/reset voltage pulses waveform
When set-only or reset-only pulse is applied, the set- and reset- pulse is switchable by reversing the
set/reset input.
06
High Accuracy, Low Noise Linear Magnetic Sensor
MultiDimension Technology Co., Ltd.
http://www.dowaytech.com/en/
AMR2501



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com