Electronic Components Datasheet Search
  English  ▼

X  

AMR4020 Datasheet(PDF) 2 Page - MultiDimension Technology Co.,Ltd.

Part # AMR4020
Description  High Accuracy Analog Magnetic Scale Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
Direct Link  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.

AMR4020 Datasheet(HTML) 2 Page - MultiDimension Technology Co.,Ltd.

  AMR4020 Datasheet HTML 1Page - MultiDimension Technology Co.,Ltd. AMR4020 Datasheet HTML 2Page - MultiDimension Technology Co.,Ltd. AMR4020 Datasheet HTML 3Page - MultiDimension Technology Co.,Ltd. AMR4020 Datasheet HTML 4Page - MultiDimension Technology Co.,Ltd. AMR4020 Datasheet HTML 5Page - MultiDimension Technology Co.,Ltd. AMR4020 Datasheet HTML 6Page - MultiDimension Technology Co.,Ltd. AMR4020 Datasheet HTML 7Page - MultiDimension Technology Co.,Ltd. AMR4020 Datasheet HTML 8Page - MultiDimension Technology Co.,Ltd. AMR4020 Datasheet HTML 9Page - MultiDimension Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Selection Guide
Part Number
Magnetic Pole Pitch
Output Channel
Operating Ambient
Temperature
Package
Packing Form
AMR4020D
2 mm
2
-40 °C to 125 °C
DFN12L
Tape & Reel
AMR4050D
5 mm
2
-40 °C to 125 °C
DFN12L
Tape & Reel
Catalogue
1. Functional Block Diagram...............................................................................................03
2. Application schematics ...................................................................................................03
3. Pin Configuration............................................................................................................04
4. Absolute Maximum Ratings............................................................................................05
5. Electrical Specifications..................................................................................................05
6. Application Information ..................................................................................................06
6.1 Application and Output Voltage Amplitude ................................................................ 06
6.2 Installation Requirements and Measurement Accuracy............................................ 06
7. Dimensions.....................................................................................................................07
02
AMR40x0
MultiDimension Technology Co., Ltd.
http://www.dowaytech.com/en/
High Accuracy Analog Magnetic Scale Sensor



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com