Electronic Components Datasheet Search
  English  ▼

X  

CDCU2A877 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CDCU2A877
Description  1.8-V PHASE LOCK LOOP CLOCK DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCU2A877 Datasheet(HTML) 3 Page - Texas Instruments

  CDCU2A877 Datasheet HTML 1Page - Texas Instruments CDCU2A877 Datasheet HTML 2Page - Texas Instruments CDCU2A877 Datasheet HTML 3Page - Texas Instruments CDCU2A877 Datasheet HTML 4Page - Texas Instruments CDCU2A877 Datasheet HTML 5Page - Texas Instruments CDCU2A877 Datasheet HTML 6Page - Texas Instruments CDCU2A877 Datasheet HTML 7Page - Texas Instruments CDCU2A877 Datasheet HTML 8Page - Texas Instruments CDCU2A877 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
www.ti.com
CDCU2A877
SCAS827 – AUGUST 2006
Table 1. Terminal Functions
NAME
BGA
MLF
I/O
DESCRIPTION
AGND
G1
7
Analog ground
AVDD
H1
8
Analog power
CK
E1
4
I
Clock input with a (10 k
Ω to 100 kΩ) pulldown resistor
CK
F1
5
I
Complementary clock input with a (10 k
Ω to 100 kΩ) pulldown resistor
FBIN
E6
27
I
Feedback clock input
FBIN
F6
26
I
Complementary feedback clock input
FBOUT
H6
24
O
Feedback clock output
FBOUT
G6
25
O
Complementary feedback clock output
OE
F5
22
I
Output enable (asynchronous)
OS
D5
21
I
Output select (tied to GND or VDD)
GND
B2, B3, B4,
10
Ground
B5, C2, C5,
H2, H5, J2, J3,
J4, J5
VDDQ
D2, D3, D4,
1, 6, 9, 15, 20,
Logic and output power
E2, E5, F2,
23, 28, 31, 36
G2, G3, G4,
G5
Y[0:9]
A2, A1, D1,
38, 39, 3, 11, 14,
O
Clock outputs
J1, K3, A5, A6, 34, 33, 29, 19, 16
D6, J6, K4
Y[0:9]
A3, B1, C1,
37, 40, 2, 12, 13,
O
Complementary clock outputs
K1, K2, A4,
35, 32, 30, 18, 17
B6, C6, K6, K5
Table 2. Function Table
INPUTS
OUTPUTS
PLL
AVDD
OE
OS
CK
CK
Y
Y
FBOUT
FBOUT
GND
H
X
L
H
L
L
H
Bypassed/Off
GND
H
X
H
L
H
H
L
Bypassed/Off
GND
L
H
L
H
LZ
LZ
L
H
Bypassed/Off
GND
L
L
H
L
LZ
LZ
H
L
Bypassed/Off
Y7 Active
Y7 Active
1.8 V Nomnal
L
H
L
H
LZ
LZ
L
H
On
1.8 V Nomnal
L
L
H
L
LZ
LZ
H
L
On
Y7 Active
Y7 Active
1.8 V Nomnal
H
X
L
H
L
H
L
H
On
1.8 V Nomnal
H
X
H
L
H
L
H
L
On
1.8 V Nomnal
X
X
LH
L
LZ
LZ
LZ
LZ
Off
X
X
X
H
H
Reserved
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com