Electronic Components Datasheet Search
  English  ▼

X  

BFQ246 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BFQ246
Description  PNP video transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFQ246 Datasheet(HTML) 2 Page - NXP Semiconductors

  BFQ246 Datasheet HTML 1Page - NXP Semiconductors BFQ246 Datasheet HTML 2Page - NXP Semiconductors BFQ246 Datasheet HTML 3Page - NXP Semiconductors BFQ246 Datasheet HTML 4Page - NXP Semiconductors BFQ246 Datasheet HTML 5Page - NXP Semiconductors BFQ246 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1996 Sep 04
2
Philips Semiconductors
Product specification
PNP video transistor
BFQ246
APPLICATIONS
• Primarily intended for cascode
output and buffer stages in high
resolution colour monitors.
DESCRIPTION
PNP silicon transistor encapsulated
in a 4-lead plastic SOT223 package.
PINNING
PIN
DESCRIPTION
1
emitter
2
base
3
emitter
4
collector
handbook, halfpage
4
123
MSB002 - 1
Top view
Fig.1 Simplified outline SOT223.
QUICK REFERENCE DATA
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Ts is the temperature at the soldering point of the collector pin.
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−−100
V
IC
collector current (DC)
−−100
mA
Ptot
total power dissipation
up to Ts =60 °C
−
3W
fT
transition frequency
IC = −25 mA; VCE = −10 V
1
−
GHz
Cre
feedback capacitance
IC = 0; VCB = −10 V
1.7
−
pF
Tj
junction temperature
−
175
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−−100
V
VCER
collector-emitter voltage
RBE = 100 Ω−
−95
V
VEBO
emitter-base voltage
open collector
−−3V
IC
collector current (DC)
see Fig.2
−−100
mA
IC(AV)
average collector current
see Fig.2
−−100
mA
Ptot
total power dissipation
up to Ts =60 °C; note 1; see Fig.3
−
3W
Tstg
storage temperature
−65
+175
°C
Tj
junction temperature
−
175
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com