Electronic Components Datasheet Search
  English  ▼

X  

AD526 Datasheet(PDF) 18 Page - Analog Devices

Part # AD526
Description  Precision, Dual-Channel Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD526 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD526 Datasheet HTML 14Page - Analog Devices AD526 Datasheet HTML 15Page - Analog Devices AD526 Datasheet HTML 16Page - Analog Devices AD526 Datasheet HTML 17Page - Analog Devices AD526 Datasheet HTML 18Page - Analog Devices AD526 Datasheet HTML 19Page - Analog Devices AD526 Datasheet HTML 20Page - Analog Devices AD526 Datasheet HTML 21Page - Analog Devices AD526 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD8222
Rev. 0 | Page 18 of 24
R
R
AD8222
+15V
+IN
–IN
0.1µF
10µF
10µF
0.1µF
REF
VOUT
–15V
R1
499Ω
CD
10nF
CC
1nF
CC
1nF
4.02kΩ
4.02kΩ
Differential Input Voltages at High Gains
When operating at high gain, large differential input voltages
can cause more than 6 mA of current to flow into the inputs.
This condition occurs when the differential voltage exceeds
the following critical voltage
VCRITICAL = (400 + RG) × (6 mA)
This is true for differential voltages of either polarity.
The maximum allowed differential voltage can be increased by
adding an input protection resistor in series with each input.
The value of each protection resistor should be
RPROTECT = (VDIFF_MAX − VCRITICAL)/6 mA
Figure 48. RFI Suppression
RF INTERFERENCE
Figure 48 shows an example where the differential filter
frequency is approximately 2 kHz, and the common-mode filter
frequency is approximately 40 kHz.
RF rectification is often a problem when amplifiers are used in
applications where there are strong RF signals. The disturbance
can appear as a small dc offset voltage. High frequency signals
can be filtered with a low-pass, RC network placed at the input
of the instrumentation amplifier, as shown in Figure 48. The
filter limits the input signal bandwidth according to the
following relationship.
Values of R and CC should be chosen to minimize RFI.
Mismatch between the R × CC at the positive input and the
R × CC at negative input degrades the CMRR of the AD8222. By
using a value of CD 10× larger than the value of CC, the effect of
the mismatch is reduced and performance is improved.
)
(2
2
1
C
D
Diff
C
C
R
FilterFreq
+
π
=
COMMON-MODE INPUT VOLTAGE RANGE
The three op amp architecture of the AD8222 applies gain and
then removes the common-mode voltage. Therefore, internal
nodes in the AD8222 experience a combination of both the
gained signal and the common-mode signal. This combined
signal can be limited by the voltage supplies even when the
individual input and output signals are not. Figure 7 and Figure 8
show the allowable common-mode input voltage ranges for
various output voltages, supply voltages, and gains.
C
CM
RC
FilterFreq
π
=
2
1
where CD ≥ 10CC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com