Electronic Components Datasheet Search
  English  ▼

X  

AD8556 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8556
Description  Precision, Dual-Channel Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8556 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8556 Datasheet HTML 13Page - Analog Devices AD8556 Datasheet HTML 14Page - Analog Devices AD8556 Datasheet HTML 15Page - Analog Devices AD8556 Datasheet HTML 16Page - Analog Devices AD8556 Datasheet HTML 17Page - Analog Devices AD8556 Datasheet HTML 18Page - Analog Devices AD8556 Datasheet HTML 19Page - Analog Devices AD8556 Datasheet HTML 20Page - Analog Devices AD8556 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AD8222
Rev. 0 | Page 17 of 24
The AD8222 should be decoupled with 0.1 μF bypass capacitors,
one for each supply. The positive supply decoupling capacitor
should be placed near Pin 16, and the negative supply
decoupling capacitor should be placed near Pin 8. Each supply
should also be decoupled with a 10 μF tantalum capacitor. The
tantalum capacitor can be placed further away from the
AD8222 and can generally be shared by other precision integrated
circuits. Figure 46 shows an example layout.
AD8222
1
2
3
4
12
11
9
56
7
8
13
14
15
16
0.1µF
0.1µF
RG
RG
10
Figure 46. Example Layout
SOLDER WASH
The solder process can leave flux and other contaminants on
the board. When these contaminants are between the AD8222
leads and thermal pad, they can create leakage paths that are
larger than the AD8222’s bias currents. A thorough washing
process removes these contaminants and restores the AD8222’s
excellent bias current performance.
INPUT BIAS CURRENT RETURN PATH
The input bias current of the AD8222 must have a return path
to common. When the source, such as a thermocouple, cannot
provide a return current path, one should be created, as shown
in Figure 47.
THERMOCOUPLE
+VS
REF
–VS
AD8222
CAPACITIVELY COUPLED
+VS
REF
C
C
–VS
AD8222
TRANSFORMER
+VS
REF
–VS
AD8222
INCORRECT
CAPACITIVELY COUPLED
+VS
REF
C
R
R
C
–VS
AD8222
1
fHIGH-PASS = 2πRC
THERMOCOUPLE
+VS
REF
–VS
10MΩ
AD8222
TRANSFORMER
+VS
REF
–VS
AD8222
CORRECT
Figure 47. Creating an IBIAS Path
INPUT PROTECTION
All terminals of the AD8222 are protected against ESD (1 kV—
human body model). In addition, the input structure allows for
dc overload conditions of about 2½ V beyond the supplies.
Input Voltages Beyond the Rails
For larger input voltages, an external resistor should be used in
series with each input to limit current during overload conditions.
The AD8222 can safely handle a continuous 6 mA current. The
limiting resistor can be computed from
Ω
400
mA
6
−
−
≥
SUPPLY
IN
LIMIT
V
V
R
For applications where the AD8222 encounters extreme overload
voltages, such as cardiac defibrillators, external series resistors
and low leakage diode clamps, such as the BAV199L, the FJH1100s,
or the SP720, should be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com