Electronic Components Datasheet Search
  English  ▼

X  

AD7623 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7623
Description  16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7623 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7623 Datasheet HTML 7Page - Analog Devices AD7623 Datasheet HTML 8Page - Analog Devices AD7623 Datasheet HTML 9Page - Analog Devices AD7623 Datasheet HTML 10Page - Analog Devices AD7623 Datasheet HTML 11Page - Analog Devices AD7623 Datasheet HTML 12Page - Analog Devices AD7623 Datasheet HTML 13Page - Analog Devices AD7623 Datasheet HTML 14Page - Analog Devices AD7623 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
AD7610
Rev. 0 | Page 11 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD = DVDD = 5 V; OVDD = 5 V; VCC = 15 V; VEE = −15 V; VREF = 5 V; TA = 25°C.
1.5
–1.5
0
65536
CODE
16384
32768
49152
1.0
0.5
0
–0.5
–1.0
Figure 5. Integral Nonlinearity vs. Code
250
0
–1.0
1.0
INL DISTRIBUTION (LSB)
50
100
150
200
–0.6 –0.4 –0.2
0
0.2
0.4
0.6
0.8
–0.8
NEGATIVE INL
POSITIVE INL
Figure 6. Integral Nonlinearity Distribution (296 Devices)
250000
0
7FFF
8006
CODE IN HEX
8000
8001
8002
8003
8004
8005
200000
150000
100000
50000
00
4
0
0
27510
22202
211404
σ = 0.44
Figure 7. Histogram of 261,120 Conversions of a DC Input
at the Code Center
CODE
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
0
16384
32768
49152
65536
Figure 8. Differential Nonlinearity vs. Code
180
0
–1.0
1.0
DNL DISTRIBUTION (LSB)
20
60
100
140
–0.6 –0.4 –0.2
0
0.2
0.4
0.6
0.8
–0.8
NEGATIVE DNL
POSITIVE DNL
40
80
120
160
Figure 9. Differential Nonlinearity Distribution (296 Devices)
CODE IN HEX
8007
8006
8000
8001
8002
8003
8004
8005
140000
0
120000
100000
80000
60000
40000
20000
σ = 0.51
00
00
169
1072
127179
132700
Figure 10. Histogram of 261,120 Conversions of a DC Input
at the Code Transition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com