Electronic Components Datasheet Search
  English  ▼

X  

DL4 Datasheet(PDF) 1 Page - ITT Industries

Part # DL4
Description  Zero Insertion Force
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DL4 Datasheet(HTML) 1 Page - ITT Industries

  DL4 Datasheet HTML 1Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Version 05.01.03
Z-03
Dimensions are shown in mm (inch)
Dimensions subject to change
www.ittcannon.com
Zero Insertion Force
DL4
TheCannonDL4SeriesofZeroInsertion
Force (ZIF) connectors feature: a
m
miinniim
muum
m
rated
life
of
20,000
complete mating and unmating cycles with no
performance loss; can be mated and unmated
in less than two seconds even with as many
as 2496 contacts; and they cost less (often as
much as 25% less) per mated line than
singular, high density rack and panel
connectors.
Applications:
• Test & Instrumentation
• High pin count:
624, 1248 or 2496 contact positions.
• Variety of contacts:
— Crimp
— Square PCB Post
— Square Wrap Post
— Buss
• Metal housing.
• Easy actuation by actuating handle.
Performance Specifications
Connector Durability20,000 mating cy
cles min.
Contact Resistance
15 mΩ max. - Crimp/Square Post Contact
20 mΩ max. - Crimp #32 AWG to #30 AWG Contact
Contact Retention
35,585 N (8 lbs) min.
Contact Spacing
2,54 (.100) Square Grid
Contact Termination
Buss; Crimp; Square PCB Post; Square Wrap Post
Current Rating
5 A max. - Crimp/Square Post Contact
10 A, 20 A, 30 A, 40 A, 50 A, 60 A max. - Buss Contact
DWV
750 V ac rms
Insulation Resistance
5000 MΩ min.
Operating Temperature
–55°C to 71°C (–67°F to 159.8°F)
Wire Accommodation
#42 AWG to #18 AWG
Materials and Finishes
Description
Material
Finish/Treatment
DL4 Housing Frame
Aluminum AlloyCadmium
DL4 Mounting Frame
Aluminum AlloyClear Annodized
DL4 Insulator
Glass-filled Thermoplastic, UL 94V-1
Color: Gray
Crimp Contact✧
Copper AlloyEngaging Area: 50 µ in. Gold over 50 µ in. Nickel
Terminating End: Gold Flash
Crimp Contact✧
Copper AlloyEngaging Area: 20 µ in. Gold over 50 µ in. Nickel
Terminating End: Tin-Lead
Square Post Contact
Copper AlloyEngaging Area: 50 µ in. Gold over 50 µ in. Nickel
Terminating End: Gold Flash
Square Post Contact
Copper AlloyEngaging Area: 20 µ in. Gold over 50 µ in. Nickel
Terminating End: Tin-Lead
Insulator Retainer (Plug Only)
Stainless Steel
Passivated
Actuating Camshaft (Receptacle Only)
Stainless Steel
Passivated
Product Features
For more information: www.ittcannon.com/cat165
Please contact your local Cannon representative: www.ittcannon.com/support/ContactUs
✧ Order crimp contacts separately.


Similar Part No. - DL4

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DL4 ITT-DL4 Datasheet
3Mb / 76P
ZERO INSERTION FORCE CONNECTORS
DL4-1248R ITT-DL4-1248R Datasheet
90Kb / 2P
ZIF Connectors
DL4-2496R ITT-DL4-2496R Datasheet
90Kb / 2P
ZIF Connectors
DL4-624R ITT-DL4-624R Datasheet
90Kb / 2P
ZIF Connectors
DL4-624RW4B ITT-DL4-624RW4B Datasheet
90Kb / 2P
ZIF Connectors
More results

Similar Description - DL4

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DLD ITT-DLD Datasheet
78Kb / 1P
Zero Insertion Force
DLM ITT-DLM Datasheet
87Kb / 1P
Zero Insertion Force
logo
Aries Electronics, Inc.
24-3551-10 ARIES-24-3551-10 Datasheet
535Kb / 1P
Universal Zero-Insertion-Force DIP Test Socket
24-516-11S ARIES-24-516-11S Datasheet
528Kb / 1P
Zero-Insertion-Force Socket
24-516-10 ARIES-24-516-10 Datasheet
611Kb / 1P
Lo-PRO짰file ZIF (Zero-Insertion-Force) Socket
logo
ITT Industries
DL1 ITT-DL1 Datasheet
3Mb / 76P
ZERO INSERTION FORCE CONNECTORS
logo
Aries Electronics, Inc.
10015 ARIES-10015 Datasheet
766Kb / 1P
Zero-Insertion-Force Test Socket
10017 ARIES-10017 Datasheet
595Kb / 1P
Zero-Insertion-Force Socket
10018 ARIES-10018 Datasheet
647Kb / 1P
Zero-Insertion-Force Socket
10019 ARIES-10019 Datasheet
630Kb / 1P
Zero-Insertion-Force DIP Test Socket
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com