Electronic Components Datasheet Search
  English  ▼

X  

DLD Datasheet(PDF) 1 Page - ITT Industries

Part # DLD
Description  Zero Insertion Force
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DLD Datasheet(HTML) 1 Page - ITT Industries

  DLD Datasheet HTML 1Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Version 05.01.03
Dimensions are shown in mm (inch)
Dimensions subject to change
www.ittcannon.com
Z-04
Zero Insertion Force
DLD
Cannon has combined Zero Insertion
Force (ZIF) technology with remote
electrical engagement. The DLD
Drawer allows the movement of a drawer or
panel to effortlessly mate/unmate the
connector halves. As an example: electrical
sub-systems can be easily removed for
service, interchangeability, or portability.
The contacts in the DLD Drawer product line
do not touch each other while the connector
halves
are
mating.
This
unique
ZIF
technology, introduced in the Cannon DL
series in the early 1970’s, has time-tested
proven reliability and durability.
Applications:
Test & Instrumentation
High pin count:
96 or 156 contact positions.
Variety of contacts:
— Crimp
— Square PCB Post
— Square Wrap Post
Plastic housing.
Performance Specifications
Connector Durability100,000 mating cy
cles min.
Contact Resistance
15 mΩ max. - Crimp/Square Post Contact
20 mΩ max. - Crimp #32 AWG to #30 AWG Contact
Contact Retention
35,585 N (8 lbs) min.
Contact Spacing
2,54 (.100) Square Grid
Contact Termination
Crimp; Square PCB Post; Square Wrap Post
Current Rating
5 A max. - Crimp/Square Post Contact
DWV
1200 V ac rms - Crimp/Square Post Contact
Insulation Resistance
5000 MΩ min.
Number of Contacts
96, 156
Operating Temperature
–55°C to 105°C (–67°F to 221°F)
Wire Accommodation
#42 AWG to #18 AWG
Materials and Finishes
Description
Material
Finish/Treatment
DLD1/2 Housing
Glass-filled Thermoplastic, UL 94V-1
Color: Black
Crimp Contact
Copper AlloyEngaging Area: 50 µ in. Gold over 50 µ in. Nickel
Terminating End: Gold Flash
Crimp Contact
Copper AlloyEngaging Area: 20 µ in. Gold over 50 µ in. Nickel
Terminating End: Tin-Lead
Square Post Contact
Copper AlloyEngaging Area: 50 µ in. Gold over 50 µ in. Nickel
Terminating End: Gold Flash
Square Post Contact
Copper AlloyEngaging Area: 20 µ in. Gold over 50 µ in. Nickel
Terminating End: Gold Flash
Insulator Retainer (Plug Only)
Stainless Steel
Passivated
Actuating Camshaft (Receptacle Only)
Stainless Steel
Spring Mounting Screw (Receptacle Only)
Stainless Steel
Passivated
Compression Spring (Receptacle Only)
Music Wire
Zinc
Product Features
For more information: www.ittcannon.com/cat166
Please contact your local Cannon representative: www.ittcannon.com/support/ContactUs
✧ Order crimp contacts separately.


Similar Part No. - DLD

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DLD ITT-DLD Datasheet
3Mb / 76P
ZERO INSERTION FORCE CONNECTORS
logo
Crydom Inc.,
DLD CRYDOM-DLD Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
logo
CINCON ELECTRONICS Corp...
DLD CINCON-DLD Datasheet
304Kb / 2P
57 WATT BUCK LED DRIVER
logo
ITT Industries
DLD ITT-DLD Datasheet
90Kb / 2P
ZIF Connectors
logo
CINCON ELECTRONICS Corp...
DLD-C035 CINCON-DLD-C035 Datasheet
304Kb / 2P
57 WATT BUCK LED DRIVER
More results

Similar Description - DLD

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DL4 ITT-DL4 Datasheet
99Kb / 1P
Zero Insertion Force
DLM ITT-DLM Datasheet
87Kb / 1P
Zero Insertion Force
logo
Aries Electronics, Inc.
24-3551-10 ARIES-24-3551-10 Datasheet
535Kb / 1P
Universal Zero-Insertion-Force DIP Test Socket
24-516-11S ARIES-24-516-11S Datasheet
528Kb / 1P
Zero-Insertion-Force Socket
24-516-10 ARIES-24-516-10 Datasheet
611Kb / 1P
Lo-PRO짰file ZIF (Zero-Insertion-Force) Socket
logo
ITT Industries
DL1 ITT-DL1 Datasheet
3Mb / 76P
ZERO INSERTION FORCE CONNECTORS
logo
Aries Electronics, Inc.
10015 ARIES-10015 Datasheet
766Kb / 1P
Zero-Insertion-Force Test Socket
10017 ARIES-10017 Datasheet
595Kb / 1P
Zero-Insertion-Force Socket
10018 ARIES-10018 Datasheet
647Kb / 1P
Zero-Insertion-Force Socket
10019 ARIES-10019 Datasheet
630Kb / 1P
Zero-Insertion-Force DIP Test Socket
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com