Electronic Components Datasheet Search
  English  ▼

X  

AD7610BSTZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD7610BSTZ
Description  16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7610BSTZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7610BSTZ Datasheet HTML 10Page - Analog Devices AD7610BSTZ Datasheet HTML 11Page - Analog Devices AD7610BSTZ Datasheet HTML 12Page - Analog Devices AD7610BSTZ Datasheet HTML 13Page - Analog Devices AD7610BSTZ Datasheet HTML 14Page - Analog Devices AD7610BSTZ Datasheet HTML 15Page - Analog Devices AD7610BSTZ Datasheet HTML 16Page - Analog Devices AD7610BSTZ Datasheet HTML 17Page - Analog Devices AD7610BSTZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
AD7610
Rev. 0 | Page 14 of 32
0
100
200
300
400
500
600
700
TEMPERATURE (°C)
–55
–35
–15
5
25
45
65
85
105
PD = PDBUF = PDREF = HIGH
VEE = –15V
VCC = +15V
DVDD
OVDD
AVDD
Figure 23. Power-Down Operating Currents vs. Temperature
0
5
10
15
20
25
30
35
40
45
50
0
50
100
150
200
CL (pF)
OVDD = 2.7V @ 25°C
OVDD = 2.7V @ 85°C
OVDD = 5V @ 85°C
OVDD = 5V @ 25°C
Figure 24. Typical Delay vs. Load Capacitance CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com