Electronic Components Datasheet Search
  English  ▼

X  

DMP6110SFDF Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMP6110SFDF
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP6110SFDF Datasheet(HTML) 5 Page - Diodes Incorporated

  DMP6110SFDF Datasheet HTML 1Page - Diodes Incorporated DMP6110SFDF Datasheet HTML 2Page - Diodes Incorporated DMP6110SFDF Datasheet HTML 3Page - Diodes Incorporated DMP6110SFDF Datasheet HTML 4Page - Diodes Incorporated DMP6110SFDF Datasheet HTML 5Page - Diodes Incorporated DMP6110SFDF Datasheet HTML 6Page - Diodes Incorporated DMP6110SFDF Datasheet HTML 7Page - Diodes Incorporated DMP6110SFDF Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DMP6110SFDF
Document number: DS38492 Rev. 3 - 2
5 of 8
www.diodes.com
March 2020
© Diodes Incorporated
DMP6110SFDF
0
0.03
0.06
0.09
0.12
0.15
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
J
Figure 7 On-Resistance Variation with Temperature
V
= 4.5V
GS
I = 3.5A
D
V
= 10V
GS
I = 4.5A
D
0
0.5
1
1.5
2
2.5
-50
-25
0
25
50
75
100
125
150
I
= 1mA
D
I
= 250µA
D
T , JUNCTION TEMPERATURE ( C)
J
Figure 8 Gate Threshold Variation vs.
Junction Temperature
0
2
4
6
8
10
12
14
16
18
20
0
0.3
0.6
0.9
1.2
1.5
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Figure 9 Diode Forward Voltage vs. Current
T
= 150°C
A
T
= 125°C
A
T
= 85°C
A
T
= 25°C
A
T
= -55°C
A
10
100
1000
10000
0
5
10
15
20
25
30
35
40
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 10 Typical Junction Capacitance
Ciss
C oss
Crss
f=1MHz
0
2
4
6
8
10
0
2
4
6
8
10
12
14
16
18
20
Q , TOTAL GATE CHARGE (nC)
g
Figure 11 Gate Charge
V
= -30V
DS
I = -5A
D
0.001
0.01
0.1
1
10
100
0.1
1
10
100
R DS(on)
Limited
DC
P
= 10s
W
P
= 1s
W
P
= 100ms
W
P
= 10ms
W
P
= 1ms
W
P
= 100µs
W
T
= 150°C
J (m ax )
T = 25°C
C
V
= -10V
GS
Single Pulse
DUT on 1 * MRP Board
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 12 SOA, Safe Operation Area
RDS(ON)
Limited
VGS = -4.5V
ID = -3.5A
VGS = -10V
ID = -4.5A
ID = -1mA
ID = -250µA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com