Electronic Components Datasheet Search
  English  ▼

X  

H22 Datasheet(PDF) 4 Page - Micro Commercial Components

Part # H22
Description  500 mW Zener Diode 1.7 to 37.2 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

H22 Datasheet(HTML) 4 Page - Micro Commercial Components

  H22 Datasheet HTML 1Page - Micro Commercial Components H22 Datasheet HTML 2Page - Micro Commercial Components H22 Datasheet HTML 3Page - Micro Commercial Components H22 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ELECTRICAL CHARACTERISTICS @25°C
MCC
PART NUMBER
ZENER VOLTAGE
VZ @ IZT
VOLTS
TEST CURRENT
IZT
Dynamic Resistance
rd (Max)
IZ
REVERSE CURRENT
IR (Max)
@
VR
Type
Grade
Min
Max
mA
OHMS
mA
µA
VOLTS
1
20.9
21.9
2.0
65
2.0
1.0
17
2
21.6
22.6
2.0
65
2.0
1.0
17
H22
3
22.3
23.3
2.0
65
2.0
1.0
17
1
22.9
24.0
2.0
70
2.0
1.0
19
2
23.6
24.7
2.0
70
2.0
1.0
19
H24
3
24.3
25.5
2.0
70
2.0
1.0
19
1
25.2
26.6
2.0
80
2.0
1.0
21.0
2
26.2
27.6
2.0
80
2.0
1.0
21.0
H27
3
27.2
28.6
2.0
80
2.0
1.0
21.0
1
28.2
29.6
2.0
100
2.0
1.0
23.0
2
29.2
30.6
2.0
100
2.0
1.0
23.0
H30
3
30.2
31.6
2.0
100
2.0
1.0
23.0
1
31.2
32.6
2.0
120
2.0
1.0
25.0
2
32.2
33.6
2.0
120
2.0
1.0
25.0
H33
3
33.2
34.6
2.0
120
2.0
1.0
25.0
1
34.2
35.7
2.0
140
2.0
1.0
27.0
2
35.3
36.8
2.0
140
2.0
1.0
27.0
H36
3
36.4
38.0
2.0
140
2.0
1.0
27.0
H2 Series thru H36 Series
www.mccsemi.com
MCC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com