Electronic Components Datasheet Search
  English  ▼

X  

PR1593L Datasheet(PDF) 1 Page - BusBoard Prototype Systems Ltd.

Part # PR1593L
Description  A prototyping board designed for the Hammond 1593L handheld enclosure.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUSBOARD [BusBoard Prototype Systems Ltd.]
Direct Link  http://www.busboard.com/
Logo BUSBOARD - BusBoard Prototype Systems Ltd.

PR1593L Datasheet(HTML) 1 Page - BusBoard Prototype Systems Ltd.

  PR1593L Datasheet HTML 1Page - BusBoard Prototype Systems Ltd. PR1593L Datasheet HTML 2Page - BusBoard Prototype Systems Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BusBoard Prototype Systems - Built for designers
www.BusBoard.com
sales@busboard.com
BPS-MAR-PR1593L-001 Rev 4.00
ProtoBoard-1593L – for Hammond 1593L Boxes
A prototyping board designed for the Hammond 1593L handheld enclosure.
Features
ProtoBoard saves time! The PCB is designed
specifically for the Hammond 1593L box.
No cutting is required. The mounting holes are
present in the right spots.
The convenient 2-hole ProtoBoard pattern
provides an easy way to connect parts while
maximizing usable board area.
Lead free etched copper PCB with an
anti-tarnish coating for easy soldering.
PCB Specifications
• High-quality FR4 glass epoxy board.
• Four 0.125” (1/8”) mounting holes.
• Four 4-40 PCB mounting screws provided.
• Single sided, 1oz/ft2 copper PCB
• 0.042" holes drilled on 0.1" centers
• PCB Size 3.3 x 2.3 in. (83 x 58mm)
Order Part# PR1593L (for PCB only)
Board Layout (actual size)
PR1593L Prototyping Board shown with the
Hammond 1593LBK box (box not included).
To purchase the PCB + Box together,
order BPS part# KIT-1593L-BK


Similar Part No. - PR1593L

ManufacturerPart #DatasheetDescription
logo
BusBoard Prototype Syst...
PR1593K BUSBOARD-PR1593K Datasheet
209Kb / 2P
A prototyping board designed for the Hammond 1593K handheld enclosure.
Rev 4.00
PR1593P BUSBOARD-PR1593P Datasheet
193Kb / 2P
A prototyping board designed for the Hammond 1593P handheld enclosure with battery compartment.
Rev 4.00
PR1593Q BUSBOARD-PR1593Q Datasheet
224Kb / 2P
A prototyping board designed for the Hammond 1593Q handheld enclosure with battery compartment.
Rev 4.00
More results

Similar Description - PR1593L

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1599EBK HAMMOND-1599EBK Datasheet
133Kb / 3P
HAMMOND 1599 SERIES PLASTIC ENCLOSURE
logo
STMicroelectronics
AN2479 STMICROELECTRONICS-AN2479 Datasheet
2Mb / 23P
The STEVAL-CCA048V1 is a demonstration board designed for the evaluation
29-Nov-2012
AN4170 STMICROELECTRONICS-AN4170 Datasheet
1Mb / 15P
The STEVAL-CCA042V1 is a demonstration board designed for the evaluation
13-Nov-2012
AN4171 STMICROELECTRONICS-AN4171 Datasheet
797Kb / 14P
The STEVAL-CCA043V1 is a demonstration board designed for the evaluation
13-Nov-2012
logo
BusBoard Prototype Syst...
1593K BUSBOARD-1593K Datasheet
961Kb / 4P
A Hammond 1593K handheld plastic enclosure packaged with a matching ProtoBoard 2-hole per strip PCB.
Rev 4.00
PR1590B BUSBOARD-PR1590B Datasheet
569Kb / 3P
A prototyping board designed for the Hammond 1590B die-cast aluminum enclosure.
Rev 4.00
PR1590BB BUSBOARD-PR1590BB Datasheet
422Kb / 3P
A prototyping board designed for the Hammond 1590BB die-cast aluminum enclosure.
Rev 4.00
PR1593K BUSBOARD-PR1593K Datasheet
209Kb / 2P
A prototyping board designed for the Hammond 1593K handheld enclosure.
Rev 4.00
PR1593P BUSBOARD-PR1593P Datasheet
193Kb / 2P
A prototyping board designed for the Hammond 1593P handheld enclosure with battery compartment.
Rev 4.00
PR1593Q BUSBOARD-PR1593Q Datasheet
224Kb / 2P
A prototyping board designed for the Hammond 1593Q handheld enclosure with battery compartment.
Rev 4.00
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com