Electronic Components Datasheet Search
  English  ▼

X  

PR1593P Datasheet(PDF) 2 Page - BusBoard Prototype Systems Ltd.

Part # PR1593P
Description  A prototyping board designed for the Hammond 1593P handheld enclosure with battery compartment.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUSBOARD [BusBoard Prototype Systems Ltd.]
Direct Link  http://www.busboard.com/
Logo BUSBOARD - BusBoard Prototype Systems Ltd.

PR1593P Datasheet(HTML) 2 Page - BusBoard Prototype Systems Ltd.

  PR1593P Datasheet HTML 1Page - BusBoard Prototype Systems Ltd. PR1593P Datasheet HTML 2Page - BusBoard Prototype Systems Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BusBoard Prototype Systems - Built for designers
www.BusBoard.com
sales@busboard.com
BPS-MAR-PR1593P-001 Rev 4.00
PCB Mechanical Dimensions
Hammond 1593P Hand Held Case Features
Note: The box is NOT included with BPS part#
PR1593P.
The box is included with part# KIT-1593P-BK.
Hand-held electronic instrument enclosure.
Built-in PCB standoffs.
1 removable end panel (included).
Battery compartment for 1xAA, 2xAA, 1 to 4 AAA,
or 1x9V battery (battery connector or holder not
included). Long life "three snap" battery door.
Recessed top for membrane overlay or keypad.
Lap joint construction provides protection against
dust.
Black, gray, or blue general purpose ABS plastic.
Secured with self tapping screws (included).
Box Size 3.6 x 2.6 x 1.1 inches (92 x 66 x 28 mm)
To order the box by itself order Hammond part#
1593PBK (black), 1593PGY (gray) or
1593PTBU (translucent blue)
See http://www.hammondmfg.com/dwg8.htm
http://www.hammondmfg.com/dwg8TBU.htm
© 2013 BusBoard Prototype Systems Ltd.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com