Electronic Components Datasheet Search
  English  ▼

X  

SB4 Datasheet(PDF) 2 Page - BusBoard Prototype Systems Ltd.

Part # SB4
Description  Scored PC BreadBoard can be snapped into four smaller Solderable Boards
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUSBOARD [BusBoard Prototype Systems Ltd.]
Direct Link  http://www.busboard.com/
Logo BUSBOARD - BusBoard Prototype Systems Ltd.

SB4 Datasheet(HTML) 2 Page - BusBoard Prototype Systems Ltd.

  SB4 Datasheet HTML 1Page - BusBoard Prototype Systems Ltd. SB4 Datasheet HTML 2Page - BusBoard Prototype Systems Ltd. SB4 Datasheet HTML 3Page - BusBoard Prototype Systems Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BusBoard Prototype Systems - Built for designers
www.BusBoard.com sales@busboard.com
BPS-DAT-(SB4)-0001 Rev 1.00 Datasheet.doc
Page 2
©2014 BuSBoard Prototype Systems Ltd. “SB4” is a trademark of BPS. All rights reserved.
Specifications
• Snaps into 4 smaller boards for smaller
projects. Two with 4-hole strips and two
with 2-hole strips.
• Solderable PC breadboard with power rails.
Each smaller board has power rails.
• Double-sided high-quality FR4 glass-epoxy
circuit board. Plated holes.
• Top side silkscreen shows which pads are
connected. Soldermask provided.
• 1oz/ft
2 copper with an anti-tarnish coating for
easy soldering. Lead free and RoHS
compatible.
• 912 plated holes, 0.042" holes are drilled on
0.1" (2.54mm) centers.
• 2.5 x 3.8in (63.5 x 96.5mm), 1/16" thick
(1.6mm)
Order Part# SB4
Front



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com