Electronic Components Datasheet Search
  English  ▼

X  

LM2433 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2433
Description  220V Monolithic Single Channel 16 MHz EDTV CRT Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2433 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2433 Datasheet HTML 1Page - National Semiconductor (TI) LM2433 Datasheet HTML 2Page - National Semiconductor (TI) LM2433 Datasheet HTML 3Page - National Semiconductor (TI) LM2433 Datasheet HTML 4Page - National Semiconductor (TI) LM2433 Datasheet HTML 5Page - National Semiconductor (TI) LM2433 Datasheet HTML 6Page - National Semiconductor (TI) LM2433 Datasheet HTML 7Page - National Semiconductor (TI) LM2433 Datasheet HTML 8Page - National Semiconductor (TI) LM2433 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LM2433
220V Monolithic Single Channel 16 MHz EDTV CRT
Driver
General Description
The LM2433 is a single channel high voltage CRT driver
circuit designed for use in Rear-Projection and Direct-View
EDTV applications. The IC contains a high input impedance,
wide band amplifier which can be DC coupled to a cathode
of a CRT. The amplifier has its gain internally set to −53 and
can drive CRT capacitive loads as well as resistive loads
present in other applications, limited only by the package’s
power dissipation.
The IC is packaged in a staggered 7-lead TO-220 molded
plastic power package designed specifically to meet high
voltage spacing requirements. See the section “Power Dis-
sipation and Heatsink Calculation” for more information.
Features
n
16 MHz bandwith at 110V
PP output swing
n
0V to 4V input range
n
Greater than 110V
PP output swing capability
n
IK Current Output (pin 5) for IK feedback systems
n
Emitter (pin 6) access to increase voltage gain
Applications
n
For Rear-Projection and Direct-View DC coupled CRT
applications using EDTV formats
n
Compatible with RGB video processors with IK feedback
for automatic cathode calibration
Pinout Diagram
Schematic Diagram
20146202
Note: Tab is at GND.
Top View
Order Number LM2433TE
FIGURE 1. Simplified Connection and Pinout Diagram
20146201
FIGURE 2. Simplified Schematic Diagram
November 2005
© 2005 National Semiconductor Corporation
DS201462
www.national.com


Similar Part No. - LM2433

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
LM243-155.52M CONNOR-WINFIELD-LM243-155.52M Datasheet
138Kb / 2P
5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
logo
National Semiconductor ...
LM2432 NSC-LM2432 Datasheet
859Kb / 13P
220V Monolithic Single Channel 37 MHz HDTV CRT Driver
logo
Texas Instruments
LM2432 TI1-LM2432 Datasheet
535Kb / 17P
Monolithic Single Channel 37 MHz HDTV CRT Driver
logo
National Semiconductor ...
LM2432TE NSC-LM2432TE Datasheet
859Kb / 13P
220V Monolithic Single Channel 37 MHz HDTV CRT Driver
LM2435 NSC-LM2435 Datasheet
478Kb / 10P
Monolithic Triple 5.5 ns CRT Driver
More results

Similar Description - LM2433

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2423 NSC-LM2423 Datasheet
733Kb / 11P
220V Monolithic Triple Channel 15 MHz CRT DTV Driver
LM2425 NSC-LM2425 Datasheet
1Mb / 11P
220V Monolithic Triple Channel 10 MHz CRT DTV Driver
LM2422 NSC-LM2422 Datasheet
603Kb / 8P
220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2432 NSC-LM2432 Datasheet
859Kb / 13P
220V Monolithic Single Channel 37 MHz HDTV CRT Driver
LM2451 NSC-LM2451 Datasheet
1Mb / 12P
220V Monolithic Triple Channel 12 MHz DC Coupled CRT DTV Driver
LM2450 NSC-LM2450 Datasheet
1Mb / 12P
220V Monolithic Triple Channel 7 MHz DC Coupled CRT DTV Driver
LM2452 NSC-LM2452 Datasheet
1Mb / 12P
220V Monolithic Triple Channel 17 MHz DC Coupled CRT DTV Driver
LM2423 NSC-LM2423_06 Datasheet
1Mb / 11P
220V Monolithic Triple Channel 15 MHz CRT DTV Driver
LM2422_0505 NSC-LM2422_0505 Datasheet
602Kb / 8P
220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2422TE NSC-LM2422TE Datasheet
1Mb / 13P
220V Monolithic Triple Channel 30 MHz CRT DTV Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com