Electronic Components Datasheet Search
  English  ▼

X  

BAT17 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # BAT17
Description  Schottky barrier diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAT17 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  BAT17 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAT17 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAT17 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAT17 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAT17 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAT17 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAT17 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAT17 Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2003 Mar 25
2
NXP Semiconductors
Product data sheet
Schottky barrier diode
BAT17
FEATURES
• Low forward voltage
• Small SMD package
• Low capacitance.
APPLICATIONS
• UHF mixer
• Sampling circuits
• Modulators
• Phase detection.
DESCRIPTION
Planar Schottky barrier diode in a
small SOT23 plastic SMD package.
PINNING
PIN
DESCRIPTION
1
anode
2
not connected
3
cathode
Fig.1 Simplified outline (SOT23) and symbol.
handbook, halfpage
21
3
MAM171
2
n.c.
1
3
MARKING
Note
1.
∗ = p : Made in Hong Kong.
∗ = t : Made in Malaysia.
∗ = W : Made in China.
TYPE NUMBER
MARKING
CODE(1)
BAT17
A3*
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VR
continuous reverse voltage
−
4
V
IF
continuous forward current
−
30
mA
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
100
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com