Electronic Components Datasheet Search
  English  ▼

X  

2SC5991 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC5991
Description  DC / DC Converter Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5991 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC5991 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5991 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5991 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5991 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC5991
No.8071-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Gain-Bandwidth Product
fT
VCE=10V, IC=500mA
330
MHz
Output Capacitance
Cob
VCB=10V, f=1MHz
28
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=3.5A, IB=175mA
105
160
mV
IC=2A, IB=40mA
90
135
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=2A, IB=40mA
0.81
1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=10µA, IE=0
100
V
Collector-to-Emitter Breakdown Voltage
V(BR)CES
IC=100µA, RBE=0
100
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=1mA, RBE=∞
50
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=10µA, IC=0
6
V
Turn-ON Time
ton
See specified Test Circuit.
30
ns
Storage Time
tstg
See specified Test Circuit.
420
ns
Fall Time
tf
See specified Test Circuit.
25
ns
Package Dimensions
Switching Time Test Circuit
unit : mm
2163A
VR
RB
VCC=25V
IC=20IB1= --20IB2=2.5A
VBE= --5V
+
+
50
Ω
INPUT
OUTPUT
RL
470
µF
100
µF
PW=20
µs
IB1
D.C.
≤1%
IB2
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
7
5
6
4
2
3
1
0
7
5
6
4
2
3
1
0
0.2
0
0.4
0.6
0.8
1.0
0.1
0.3
0.5
0.7
0.9
IT08237
10mA
15mA
50mA
20mA
40mA
60mA
80mA
100mA
IB=0
5mA
VCE=2V
0
0.2
0.4
0.6
0.8
1.0
0.1
0.3
0.5
0.7
0.9
IT08238
30mA
1.5
0.5
0.4
3.0
0.75
4.5
1.6
0.4
12
3
1.5
1 : Base
2 : Collector
3 : Emitter
SANYO : PCP
type B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com