Electronic Components Datasheet Search
  English  ▼

X  

MIC3832 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC3832
Description  Current-Fed PWM Controllers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3832 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC3832 Datasheet HTML 1Page - Micrel Semiconductor MIC3832 Datasheet HTML 2Page - Micrel Semiconductor MIC3832 Datasheet HTML 3Page - Micrel Semiconductor MIC3832 Datasheet HTML 4Page - Micrel Semiconductor MIC3832 Datasheet HTML 5Page - Micrel Semiconductor MIC3832 Datasheet HTML 6Page - Micrel Semiconductor MIC3832 Datasheet HTML 7Page - Micrel Semiconductor MIC3832 Datasheet HTML 8Page - Micrel Semiconductor MIC3832 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MIC3832/3833
Micrel
4-136
April 1998
Pin Description
Pin Number
Pin Name
Pin Function
1
GND
Ground: Use as single-point ground tie point.
2
PWM
PWM Output: Variable duty-cycle totem pole output.
3
Q
Switch (Output): Totem pole output. Noninverting 50% duty cycle output
(180
° out-of-phase with Q with no dead time).
4V
DD
Supply Voltage (Input): Clamped to 22V by internal zener diode.
5
5V REF
5V Bandgap Reference (Output)
6
EA –
Inverting Error Amplifier Input
7
EA +
Noninverting Error Amplifier Input
8
EA OUT
Error Amplifier Output: Connect to the appropriate feedback network to
adjust the open loop gain or frequency response.
9
NC
No Connection: Do not use—leave open.
10
SHDN
Overcurrent Shutdown (Input): >1 V disables outputs, >1.25V initiates soft-
start restart. For cycle-by-cycle current limiting, even in voltage-mode control
applications, connect to current sensor. If current sense is not used, connect
to GND.
11
MDC/SS
Maximum Duty Cycle/Soft Start (Input): Apply a dc voltage to adjust maxi-
mum duty cycle (see chart). Adjust soft start by adding capacitance to
increase turn-on time during initial start up or restart after overcurrent
shutdown.
12
CMR
Current Mode Ramp: Feed point for a sample of inductor current when using
current mode control. For voltage-mode control, connect directly to the C
T
pin.
13
SYNC
Synchronization (Input): AC coupled input from an external master clock
(reference) signal. If not used, leave unconnected. A high (>1.5V) resets the
C
T ramp.
14
R
T
Oscillator Timing Resistor: Connect 4k
Ω minimum resistor to GND.
15
C
T
Oscillator Timing Capacitor: Connect capacitor to GND. See “Typical
Characteristics: Discharge Time” graph for capacitor value.
Maximum oscillator frequency
1
2
discharge time
=
×
()
16
Q
Switch (Output): Totem pole output. Inverting 50% duty cycle output (180
°
out-of-phase with Q with no deadtime).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com