Electronic Components Datasheet Search
  English  ▼

X  

BFQ621 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BFQ621
Description  NPN 7 GHz wideband transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFQ621 Datasheet(HTML) 2 Page - NXP Semiconductors

  BFQ621 Datasheet HTML 1Page - NXP Semiconductors BFQ621 Datasheet HTML 2Page - NXP Semiconductors BFQ621 Datasheet HTML 3Page - NXP Semiconductors BFQ621 Datasheet HTML 4Page - NXP Semiconductors BFQ621 Datasheet HTML 5Page - NXP Semiconductors BFQ621 Datasheet HTML 6Page - NXP Semiconductors BFQ621 Datasheet HTML 7Page - NXP Semiconductors BFQ621 Datasheet HTML 8Page - NXP Semiconductors BFQ621 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
1995 Sep 26
2
Philips Semiconductors
Product specification
NPN 7 GHz wideband transistor
BFQ621
FEATURES
• High power gain
• High output voltage
• High maximum junction temperature
• Gold metallization ensures excellent reliability.
APPLICATIONS
It is primarily intended for use in MATV and microwave
amplifiers, such as aerial amplifiers, radar systems,
oscilloscopes, spectrum analyzers, etc.
DESCRIPTION
Silicon NPN transistor in a 4-lead dual-emitter SOT172A2
package with a ceramic cap. All leads are isolated from the
mounting base. Emitter ballasting resistors and application
of gold sandwich metallization ensures an optimum
temperature profile and excellent reliability properties.
PINNING
PIN
DESCRIPTION
1
collector
2
emitter
3
base
4
emitter
Fig.1 SOT172A2.
handbook, halfpage
MSA457
4
2
3
1
Top view
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCEO
collector-emitter voltage
open base
−−
16
V
IC
collector current (DC)
−−
150
mA
Ptot
total power dissipation
up to Tmb =25 °C
−−
8W
hFE
DC current gain
IC = 120 mA; VCE =18V;
Tamb =25 °C
40
−−
fT
transition frequency
IC = 120 mA; VCE =18V;
f = 1 GHz; Tamb =25 °C
−
7
−
GHz
GUM
maximum unilateral power gain
IC = 120 mA; VCE =18V;
f = 500 MHz; Tamb =25 °C
−
18.5
−
dB
VO
output voltage
IC = 120 mA; VCE =18V;
f(p+q − r) = 793.25 MHz;
dim = −60 dB; RL =75 Ω
−
1.2
−
V
WARNING
Product and environmental safety - toxic materials
This product contains beryllium oxide. The product is entirely safe provided that the BeO disc is not damaged.
All persons who handle, use or dispose of this product should be aware of its nature and of the necessary safety
precautions. After use, dispose of as chemical or special waste according to the regulations applying at the location of
the user. It must never be thrown out with the general or domestic waste.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com