Electronic Components Datasheet Search
  English  ▼

X  

XT214 Datasheet(PDF) 1 Page - Yuechung International Corp.

Part # XT214
Description  XT214 Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YIC [Yuechung International Corp.]
Direct Link  https://www.yic.com.tw/en/home-en/
Logo YIC - Yuechung International Corp.

XT214 Datasheet(HTML) 1 Page - Yuechung International Corp.

  XT214 Datasheet HTML 1Page - Yuechung International Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
●
SPECIFICATION
●
EQUIVALENT SERIES RESISTANCE
●
DIMENSIONS (mm)
●
REEL PACKING(mm)
●
TAPE SPECIFICATION(mm)
20.000 ~ 50.000 MHz
AGING
±10 , 20 , 30ppm (at 25°C)
- 40°C ~ + 85°C
Shunt capacitance
2pF max.
Series resistance
See below
±3ppm / Year.
ESR
100 Ω max.
80 Ω max.
Model
Frequency tolerance
Frequency stability
±10 , 20 , 30ppm (Ref. to 25°C)
Drive Level
Storange temperature
Load capacitance
10uW (200uW max.)
Series, 6pF, 8pF, 9pF,10pF,12pF,15pF,18pF, 20pF or Special requirement.
Operation temperature
- 20°C ~ + 70°C Typical
Frequency range
XT214 Series
Frequancy MHz
20.000-30.000
30.001-50.000
Model
Fundmental
Fundmental
Quartz Crystal Unit
(XT214 Series)
XT214 Series : SMD Crystal 2.0x1.6 mm
20.000 - 50.000MHz


Similar Part No. - XT214

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
XT210F KEXIN-XT210F Datasheet
1Mb / 2P
Schottky Bridge
XT210S KEXIN-XT210S Datasheet
1Mb / 2P
Schottky Bridge
logo
Dynex Semiconductor
XT2116 DYNEX-XT2116 Datasheet
30Kb / 4P
Fast Turn-on Asymmetric Thyristor
XT2116-1001 DYNEX-XT2116-1001 Datasheet
30Kb / 4P
Fast Turn-on Asymmetric Thyristor
XT2116-1201 DYNEX-XT2116-1201 Datasheet
30Kb / 4P
Fast Turn-on Asymmetric Thyristor
More results

Similar Description - XT214

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com