Electronic Components Datasheet Search
  English  ▼

X  

7164L Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 7164L
Description  CMOS Static RAM 64K (8K x 8-Bit)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7164L Datasheet(HTML) 1 Page - Renesas Technology Corp

  7164L Datasheet HTML 1Page - Renesas Technology Corp 7164L Datasheet HTML 2Page - Renesas Technology Corp 7164L Datasheet HTML 3Page - Renesas Technology Corp 7164L Datasheet HTML 4Page - Renesas Technology Corp 7164L Datasheet HTML 5Page - Renesas Technology Corp 7164L Datasheet HTML 6Page - Renesas Technology Corp 7164L Datasheet HTML 7Page - Renesas Technology Corp 7164L Datasheet HTML 8Page - Renesas Technology Corp 7164L Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Jul.30.20
Features
◆
◆
◆
◆
◆ High-speed address/chip select access time
– Commercial: 20/25ns (max.)
– Industrial: 20/25ns (max.)
– Military:20/25/35/45/55/70/85/100ns(max.)
◆
◆
◆
◆
◆ Low power consumption
◆
◆
◆
◆
◆ Battery backup operation – 2V data retention voltage
(L Version only)
◆
◆
◆
◆
◆ Produced with advanced CMOS high-performance
technology
◆
◆
◆
◆
◆ Inputs and outputs directly TTL-compatible
◆
◆
◆
◆
◆ Three-state outputs
◆
◆
◆
◆
◆ Available in 28-pin DIP, CERDIP and SOJ
◆
◆
◆
◆
◆ Military product compliant to MIL-STD-883, Class B
◆
Industrial temperature range (–40°C to +85°C) is available
for selected speeds
◆
◆
◆
◆
◆ Green parts available, see ordering information
Description
TheIDT7164isa65,536bithigh-speedstaticRAMorganizedas8K
x8.Itisfabricatedusinghigh-performance,high-reliabilityCMOStech-
nology.
Addressaccesstimesasfastas20nsareavailableandthecircuitoffers
a reduced power standby mode. When CS1 goes HIGH or CS2 goes
LOW,thecircuitwillautomaticallygoto,andremainin,alow-powerstand-
by mode. The low-power (L) version also offers a battery backup data
retention capability at power supply levels as low as 2V.
All inputs and outputs of the IDT7164 are TTL-compatible and
operation is from a single 5V supply, simplifying system designs. Fully
static asynchronous circuitry is used, requiring no clocks or refreshing
for operation.
The IDT7164 is packaged in a 28-pin 300 mil CERDIP, a 28-pin 600
mil CERDIP, 300mil Plastic DIP and 300mil SOJ
Militarygradeproductismanufacturedincompliancewith MIL-STD-
883,ClassB,makingitideallysuitedtomilitarytemperatureapplications
demandingthehighestlevelofperformanceandreliability.
Functional Block Diagram
ADDRESS
DECODER
65,536 BIT
MEMORY ARRAY
I/O CONTROL
2967 drw 01
WE
CS
VCC
GND
I/O 0
I/O7
CONTROL
LOGIC
OE
2
CS1
A0
A12
0
7
7164S
7164L
CMOS Static RAM
64K (8K x 8-Bit)


Similar Part No. - 7164L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7164L100DG8 IDT-7164L100DG8 Datasheet
749Kb / 10P
CMOS Static RAM 64K
7164L100DG88 IDT-7164L100DG88 Datasheet
749Kb / 10P
CMOS Static RAM 64K
7164L100DGI IDT-7164L100DGI Datasheet
749Kb / 10P
CMOS Static RAM 64K
7164L100DGI8 IDT-7164L100DGI8 Datasheet
749Kb / 10P
CMOS Static RAM 64K
7164L100TDG8 IDT-7164L100TDG8 Datasheet
749Kb / 10P
CMOS Static RAM 64K
More results

Similar Description - 7164L

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
CMOS 64K (8K x 8) Static RAM
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
CMOS 64K (8K x 8) Static RAM
logo
Integrated Device Techn...
IDT7164S IDT-IDT7164S Datasheet
104Kb / 9P
CMOS STATIC RAM 64K (8K x 8-BIT)
IDT7164S IDT-IDT7164S_07 Datasheet
108Kb / 11P
CMOS Static RAM 64K (8K x 8-Bit)
5962-3829407MXA IDT-5962-3829407MXA Datasheet
280Kb / 10P
CMOS Static RAM 64K (8K x 8-Bit)
8302AMI-01 IDT-8302AMI-01 Datasheet
280Kb / 10P
CMOS Static RAM 64K (8K x 8-Bit)
5962-3829409MZA IDT-5962-3829409MZA Datasheet
285Kb / 10P
CMOS Static RAM 64K (8K x 8-Bit)
IDT7164S IDT-IDT7164S_11 Datasheet
280Kb / 10P
CMOS Static RAM 64K (8K x 8-Bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com